Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24PC2000G2 Datasheet(PDF) 4 Page - Sensortechnics GmbH

Part # 24PC2000G2
Description  Unamplified, uncompensated pressure sensors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

24PC2000G2 Datasheet(HTML) 4 Page - Sensortechnics GmbH

  24PC2000G2 Datasheet HTML 1Page - Sensortechnics GmbH 24PC2000G2 Datasheet HTML 2Page - Sensortechnics GmbH 24PC2000G2 Datasheet HTML 3Page - Sensortechnics GmbH 24PC2000G2 Datasheet HTML 4Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
24PC Series (psi)
Unamplified, uncompensated pressure sensors
4/4
February 2005 / 603
www.sensortechnics.com
2
4
PC
xxxx
x
x
A10
Pressure port (Ø 5.1 mm)
Pinning
2: dual inline pinning, 2 x 2
(not available for
differential devices)
6: single inline pinning, 1 x 4
Pressure mode
D: differential pressure
G: gage pressure
ORDERING INFORMATION
OUTLINE DRAWINGS10
24PCxxxxD6A (single inline pinning, 1 x 4), differential pressure devices
mass: 2 g
dimensions in mm
P1
12,7
3 x 2,54
2,29
4 x 1,02
Ø 6,4
Ø 5,1
Ø 1,93
Ø 1,27
PIN 1
12,7
P2
4 3 2 1
24PC series
non compensated
Pressure range
0035: 0 - 0.5 psi (34.5 mbar)
0070: 0 - 1 psi
(69 mbar)
0350: 0 - 5 psi
(345 mbar)
1000: 0 - 15 psi (1034 mbar)
2000: 0 - 30 psi (2068 mbar)
7000: 0 - 100 psi
(6.9 bar)
17K0: 0 - 250 psi
(17.2 bar)
Sensortechnics reserves the right to make changes to any products herein. Sensortechnics does not assume any liability arising out of the
application or use of any product or circuit described herein, neither does it convey any license under its patent rights nor the rights of others.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com