Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV74 Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # BAV74
Description  SILICON PLANAR DUAL SWITCHING DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

BAV74 Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  BAV74 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. BAV74 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated : 10/10/2008
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
BAV74
SILICON PLANAR DUAL SWITCHING DIODE
High Speed Switching Dual Diodes
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
VRRM
60
V
Continuous Reverse Voltage
VR
50
V
Forward Current (DC)
Single Diode Loaded
Double Diode Loaded
IF
215
125
mA
Repetitive Peak Forward Current
IFRM
450
mA
Non-Repetitive Peak Forward Current
at t = 1 μs
at t = 1 ms
at t = 1 s
IFSM
4
1
0.5
A
Power Dissipation
Pd
350
mW
Operating Junction Temperature Range
TJ
150
O
C
Storage Temperature Range
TS
- 55 to + 150
O
C
Characteristics at Ta = 25 OC
Parameter
Symbol
Max.
Unit
Forward Voltage
at IF = 1 mA
at IF = 10 mA
at IF = 50 mA
at IF = 150 mA
VF
VF
VF
VF
715
855
1
1.25
mV
mV
V
V
Reverse Current
at VR = 25 V
at VR = 50 V
at VR = 25 V, TJ = 150 OC
at VR = 50 V, TJ = 150 OC
IR
IR
IR
IR
30
0.1
30
100
nA
µA
µA
µA
Diode Capacitance
at f = 1 MHz
Cd
2
pF
Reverse Recovery Time
at IF = IR = 10 mA to IR = 1 mA, RL = 100 Ω
trr
4
ns
1
3
2
Marking Code: A4
SOT-23 Plastic Package


Similar Part No. - BAV74

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAV74 PHILIPS-BAV74 Datasheet
57Kb / 12P
High-speed double diode
1999 May 11
logo
Zowie Technology Corpor...
BAV74 ZOWIE-BAV74 Datasheet
44Kb / 2P
MONOLITHIC DUAL SWITCHING DIODE
logo
Siemens Semiconductor G...
BAV74 SIEMENS-BAV74 Datasheet
96Kb / 4P
Silicon Switching Diode Array (For high-speed switching Common cathode)
logo
Fairchild Semiconductor
BAV74 FAIRCHILD-BAV74 Datasheet
24Kb / 3P
High Conductance Ultra Fast Diode
logo
Infineon Technologies A...
BAV74 INFINEON-BAV74 Datasheet
39Kb / 4P
Silicon Switching Diode Array
Jul-31-2001
More results

Similar Description - BAV74

ManufacturerPart #DatasheetDescription
logo
Formosa MS
BAL99 FORMOSA-BAL99 Datasheet
100Kb / 2P
Dual Series Switching Diode - Silicon epitaxial planar type
logo
Continental Device Indi...
CMBD226 CDIL-CMBD226 Datasheet
121Kb / 3P
SILICON PLANAR DUAL SWITCHING DIODE
CMBD4448 CDIL-CMBD4448 Datasheet
124Kb / 3P
SILICON PLANAR SWITCHING DIODE
logo
TRANSYS Electronics Lim...
BAL99 TEL-BAL99 Datasheet
94Kb / 2P
SILICON PLANAR SWITCHING DIODE
BAS16 TEL-BAS16 Datasheet
103Kb / 2P
SILICON PLANAR SWITCHING DIODE
BAV74 TEL-BAV74 Datasheet
150Kb / 2P
SILICON PLANAR DUAL SWITCHING DIODE.
logo
Continental Device Indi...
BAV74 CDIL-BAV74 Datasheet
195Kb / 3P
SILICON PLANAR DUAL SWITCHING DIODE
BAS116 CDIL-BAS116 Datasheet
135Kb / 3P
SILICON PLANAR SWITCHING DIODE
BAS16 CDIL-BAS16 Datasheet
135Kb / 3P
SILICON PLANAR SWITCHING DIODE
BAL99 CDIL-BAL99 Datasheet
195Kb / 3P
SILICON PLANAR SWITCHING DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com