Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RD91EB Datasheet(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

Part # RD91EB
Description  ZENER DIODES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

RD91EB Datasheet(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  RD91EB Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. RD91EB Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. RD91EB Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. RD91EB Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD. RD91EB Datasheet HTML 5Page - SEMTECH ELECTRONICS LTD. RD91EB Datasheet HTML 6Page - SEMTECH ELECTRONICS LTD. RD91EB Datasheet HTML 7Page - SEMTECH ELECTRONICS LTD. RD91EB Datasheet HTML 8Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Dated : 23/06/2007
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
RD2V0E…RD200E
Characteristics at Ta = 25 OC
Zener Voltage
Dynamic Impedance
Knee Dynamic Impedance
Reverse Current
VZ (V)
1)
ZZ (Ω)
2)
ZZK (Ω)
2)
IR (µA)
Type
Min.
Max.
lZ (mA)
Max.
lZ (mA)
Max.
lZ (mA)
Max.
VR (V)
RD2V0EB
1.88
2.2
RD2V0EB1
1.88
2.1
RD2V0EB2
2.02
2.2
20
140
20
2000
1
120
0.5
RD2V2EB
2.12
2.41
RD2V2EB1
2.12
2.3
RD2V2EB2
2.22
2.41
20
120
20
2000
1
120
0.7
RD2V4EB
2.33
2.63
RD2V4EB1
2.33
2.52
RD2V4EB2
2.43
2.63
20
100
20
2000
1
120
1
RD2V7EB
2.54
2.91
RD2V7EB1
2.54
2.75
RD2V7EB2
2.69
2.91
20
100
20
1000
1
100
1
RD3V0EB
2.85
3.22
RD3V0EB1
2.85
3.07
RD3V0EB2
3.01
3.22
20
80
20
1000
1
50
1
RD3V3EB
3.16
3.53
RD3V3EB1
3.16
3.38
RD3V3EB2
3.32
3.53
20
70
20
1000
1
20
1
RD3V6EB
3.47
3.83
RD3V6EB1
3.47
3.68
RD3V6EB2
3.62
3.83
20
60
20
1000
1
10
1
RD3V9EB
3.77
4.14
RD3V9EB1
3.77
3.98
RD3V9EB2
3.92
4.14
20
50
20
1000
1
5
1
RD4V3EB
4.05
4.53
RD4V3EB1
4.05
4.26
RD4V3EB2
4.2
4.4
RD4V3EB3
4.34
4.53
20
40
20
1000
1
5
1
RD4V7EB
4.47
4.91
RD4V7EB1
4.47
4.65
RD4V7EB2
4.59
4.77
RD4V7EB3
4.71
4.91
20
25
20
900
1
5
1
RD5V1EB
4.85
5.35
RD5V1EB1
4.85
5.03
RD5V1EB2
4.97
5.18
RD5V1EB3
5.12
5.35
20
20
20
800
1
5
1.5
RD5V6EB
5.29
5.88
RD5V6EB1
5.29
5.52
RD5V6EB2
5.46
5.7
RD5V6EB3
5.64
5.88
20
13
20
500
1
5
2.5
RD6V2EB
5.81
6.4
RD6V2EB1
5.81
6.06
RD6V2EB2
5.99
6.24
RD6V2EB3
6.16
6.4
20
10
20
300
1
5
3
RD6V8EB
6.32
6.97
RD6V8EB1
6.32
6.59
RD6V8EB2
6.52
6.79
RD6V8EB3
6.7
6.97
20
8
20
150
0.5
2
3.5
RD7V5EB
6.88
7.64
RD7V5EB1
6.88
7.19
RD7V5EB2
7.11
7.41
RD7V5EB3
7.33
7.64
20
8
20
120
0.5
0.5
4
RD8V2EB
7.56
8.41
RD8V2EB1
7.56
7.9
RD8V2EB2
7.82
8.15
RD8V2EB3
8.07
8.41
20
8
20
120
0.5
0.5
5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com