Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV20 Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # BAV20
Description  SILICON EPITAXIAL PLANAR DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

BAV20 Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  BAV20 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. BAV20 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. BAV20 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. BAV20 Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Dated : 20/06/2007
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
BAV19, BAV20, BAV21
SILICON EPITAXIAL PLANAR DIODES
High Voltage General Purpose Diodes
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Repetitive Peak Reverse Voltage
BAV19
BAV20
BAV21
VRRM
120
200
250
V
Reverse Voltage
BAV19
BAV20
BAV21
VR
100
150
200
V
Continuous Forward Current
IF
250
mA
Repetitive Peak Forward Current
IFRM
625
mA
Non-repetitive Peak Forward Surge Current
at t = 1 µs
at t = 100 µs
at t = 1 s
IFSM
9
3
1
A
Total Power Dissipation
Ptot
500
mW
Thermal Resistance, Junction to Ambient
1)
RθJA
375
K/W
Thermal Resistance, Junction to Tie-point
1)
RθJTP
240
K/W
Junction Temperature
Tj
175
O
C
Storage Temperature Range
TS
- 65 to + 175
O
C
1) Lead length 10 mm
Max. 3.9
Max. 1.9
Glass Case DO-35
Max. 0.5
Min. 27.5
Min. 27.5
XXX
Cathode Band
Part No.
ST
"ST" Brand
Dimensions in mm
Black
Black
Black


Similar Part No. - BAV20

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAV20 PHILIPS-BAV20 Datasheet
54Kb / 12P
General purpose diodes
1999 May 25
logo
Vishay Siliconix
BAV20 VISHAY-BAV20 Datasheet
129Kb / 5P
Small Signal Switching Diodes, High Voltage
20-Apr-06
logo
Fairchild Semiconductor
BAV20 FAIRCHILD-BAV20 Datasheet
36Kb / 1P
General Purpose Diodes
BAV20 FAIRCHILD-BAV20 Datasheet
148Kb / 8P
High Voltage General Purpose Diode
logo
Diodes Incorporated
BAV20 DIODES-BAV20 Datasheet
62Kb / 2P
FAST SWITCHING DIODE
DS22006 Rev. H-2
More results

Similar Description - BAV20

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N4148 VISHAY-1N4148 Datasheet
44Kb / 4P
Silicon Epitaxial Planar Diodes
01-Apr-99
BAV100 VISHAY-BAV100 Datasheet
54Kb / 4P
Silicon Epitaxial Planar Diodes
01-Apr-99
LL4154 VISHAY-LL4154 Datasheet
51Kb / 4P
Silicon Epitaxial Planar Diodes
01-Apr-99
logo
Zowie Technology Corpor...
LL4148 ZOWIE-LL4148 Datasheet
43Kb / 2P
SILICON EPITAXIAL PLANAR DIODES
logo
SEMTECH ELECTRONICS LTD...
MCL914 SEMTECH_ELEC-MCL914 Datasheet
286Kb / 4P
SILICON EPITAXIAL PLANAR DIODES
BAV200 SEMTECH_ELEC-BAV200 Datasheet
166Kb / 2P
SILICON EPITAXIAL PLANAR DIODES
logo
Shenzhen Luguang Electr...
BAS316 LUGUANG-BAS316 Datasheet
401Kb / 3P
Silicon Epitaxial Planar Diodes
logo
SUNMATE electronic Co.,...
LL914 SUNMATE-LL914 Datasheet
290Kb / 1P
SILICON EPITAXIAL PLANAR DIODES
1SS110 SUNMATE-1SS110 Datasheet
244Kb / 1P
SILICON EPITAXIAL PLANAR DIODES
logo
Zibo Seno Electronic En...
BAV19W ZSELEC-BAV19W Datasheet
91Kb / 3P
Silicon Epitaxial Planar Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com