Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RLS244 Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # RLS244
Description  SILICON EPITAXIAL PLANAR DIODE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

RLS244 Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  RLS244 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dated : 10/08/2002
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
RLS244
SILICON EPITAXIAL PLANAR DIODE
High Voltage Switching
General Purpose Rectification Applications
Features
• Glass sealed envelope. (MSD)
• VRM = 250V guaranteed.
• High reliability.
Absolute Maximum Ratings (Ta = 25
oC)
Parameter
Symbol
Limits
Unit
Peak reverse voltage
VRM
250
V
DC reverse voltage
VR
220
V
Peak forward current
IFM
625
mA
Mean rectifying current
IO
200
mA
Surge current(1s)
Isurge
1000
mA
Power dissipation
Ptot
300
mW
Junction temperature
Tj
175
OC
Storage temperature
TS
-65 to +175
OC
Characteristics at Ta = 25
oC
Symbol
Min.
Typ.
Max.
Unit
Forward voltage
at IF = 200mA
VF
-
-
1.5
V
Reverse current
at VR = 220V
IR
-
-
10
uA
Capacitance between terminals
at f = 1MHz
CT
-
-
3
pF
Reverse recovery time
at IF = 20mA, IR = 20mA, RL = 50Ω
trr
-
-
75
ns


Similar Part No. - RLS244

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
RLS244 SEMTECH_ELEC-RLS244 Datasheet
348Kb / 1P
Silicon Epitaxial Planar Diode
logo
Nanjing International G...
RLS244 DGNJDZ-RLS244 Datasheet
604Kb / 3P
Plastic-Encapsulate Diodes
logo
SEMTECH ELECTRONICS LTD...
RLS244 SEMTECH_ELEC-RLS244_V01 Datasheet
348Kb / 1P
Silicon Epitaxial Planar Diode
More results

Similar Description - RLS244

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDS160E KEC-KDS160E Datasheet
88Kb / 2P
SILICON EPITAXIAL PLANAR DIODE
logo
Galaxy Semi-Conductor H...
1SS355 BILIN-1SS355 Datasheet
209Kb / 3P
Silicon Epitaxial Planar Diode
Rev.A
BAS316 BILIN-BAS316 Datasheet
355Kb / 4P
Silicon Epitaxial Planar Diode
BAV19WS BILIN-BAV19WS Datasheet
232Kb / 3P
Silicon Epitaxial Planar Diode
logo
KEC(Korea Electronics)
KDS4148U KEC-KDS4148U Datasheet
82Kb / 2P
SILICON EPITAXIAL PLANAR DIODE
logo
Guangdong Kexin Industr...
HSM2692 KEXIN-HSM2692 Datasheet
35Kb / 1P
Silicon Epitaxial Planar Diode
KDV262 KEXIN-KDV262 Datasheet
34Kb / 1P
Silicon Epitaxial Planar Diode
KDV287 KEXIN-KDV287 Datasheet
34Kb / 1P
Silicon Epitaxial Planar Diode
HSM2694 KEXIN-HSM2694 Datasheet
35Kb / 1P
Silicon Epitaxial Planar Diode
MA2ZV02 KEXIN-MA2ZV02 Datasheet
33Kb / 1P
Silicon Epitaxial Planar Diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com