Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCL245 Datasheet(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

Part # MCL245
Description  SILICON EPITAXIAL PLANAR DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

MCL245 Datasheet(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  MCL245 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. MCL245 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dated : 20/08/2002
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
MCL245
Characteristics at Tj = 25
oC
Symbol
Min.
Typ.
Max.
Unit
Forward Voltage
at IF = 200mA
VF
-
-
1.5
V
Leakage Current
at VR = 220V
IR
-
-
10
μA
Reverse Breakdown Voltage
tested with 100uA Pulses
VBR
250
-
-
V
Capacitance
at VF = VR = 0, f = 1MHz
Ctot
-
-
3
pF
Reverse Recovery Time
From IF = IR = 20mA
trr
-
-
75
ns



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com