Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC212 Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # BC212
Description  PNP Silicon Epitaxial Planar Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

BC212 Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  BC212 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dated : 27/12/2007
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
BC212
PNP Silicon Epitaxial Planar Transistor
for general purpose amplifier
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Collector Base Voltage
-VCBO
60
V
Collector Emitter Voltage
-VCEO
50
V
Emitter Base Voltage
-VEBO
5
V
Collector Current
-IC
300
mA
Total Power Dissipation
Ptot
625
mW
Junction Temperature
Tj
150
O
C
Storage Temperature Range
TS
- 55 to + 150
O
C
Characteristics at Ta = 25 OC
Parameter
Symbol
Min.
Max.
Unit
DC Current Gain
at -VCE = 5 V, -IC = 10 µA
at -VCE = 5 V, -IC = 2 mA
hFE
hFE
40
60
-
300
-
-
Collector Base Cutoff Current
at -VCB = 30 V
-ICBO
-
15
nA
Emitter Base Cutoff Current
at -VEB = 4 V
-IEBO
-
15
nA
Collector Base Breakdown Voltage
at -IC = 10 µA
-V(BR)CBO
60
-
V
Collector Emitter Breakdown Voltage
at -IC = 2 mA
-V(BR)CEO
50
-
V
Emitter Base Breakdown Voltage
at -IE = 10 µA
-V(BR)EBO
5
-
V
Collector Emitter Saturation Voltage
at -IC = 100 mA, -IB = 5 mA
-VCE(sat)
-
0.6
V
Base Emitter Saturation Voltage
at -IC = 100 mA, -IB = 5 mA
-VBE(sat)
-
1.1
V
Base Emitter On Voltage
at -VCE = 5 V, -IC = 2 mA
-VBE(on)
0.6
0.72
V
Gain Bandwidth Product
at -VCE = 5 V, -IC = 10 mA, f = 100 MHz
fT
200
-
MHz
Output Capacitance
at -VCB = 10 V, f = 1 MHz
CCBO
-
10
pF
1. Emitter 2. Collector 3. Base
TO-92 Plastic Package


Similar Part No. - BC212

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC212 MOTOROLA-BC212 Datasheet
107Kb / 4P
Amlifier Transistors (PNP)
logo
Fairchild Semiconductor
BC212 FAIRCHILD-BC212 Datasheet
329Kb / 5P
Process 63 PNP Medium Power
logo
Micro Electronics
BC212 MICRO-ELECTRONICS-BC212 Datasheet
62Kb / 1P
COMPLEMENTARY SILICON PLANAR EPITAXIAL TRANSISTOR
logo
SeCoS Halbleitertechnol...
BC212 SECOS-BC212 Datasheet
72Kb / 1P
PNP Plastic Encapsulated Transistor
logo
Jiangsu Changjiang Elec...
BC212 JIANGSU-BC212 Datasheet
549Kb / 3P
TO-92 Plastic-Encapsulate Transistors
More results

Similar Description - BC212

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR532H AUK-SUR532H Datasheet
235Kb / 3P
Epitaxial planar PNP silicon transistor
SUR546J AUK-SUR546J Datasheet
229Kb / 3P
Epitaxial planar PNP silicon transistor
SUR550J AUK-SUR550J Datasheet
229Kb / 3P
Epitaxial planar PNP silicon transistor
logo
Continental Device Indi...
CMBT857 CDIL-CMBT857 Datasheet
115Kb / 3P
PNP EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HSB649T HSMC-HSB649T Datasheet
43Kb / 4P
SILICON PNP EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GI5706 GTM-GI5706 Datasheet
948Kb / 3P
PNP EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
KTA2015W BILIN-KTA2015W Datasheet
171Kb / 4P
PNP Silicon Epitaxial Planar Transistor
MMSTA92 BILIN-MMSTA92 Datasheet
131Kb / 2P
PNP Silicon Epitaxial Planar Transistor
logo
Guangdong Kexin Industr...
2SA1772 KEXIN-2SA1772 Datasheet
44Kb / 2P
PNP Epitaxial Planar Silicon Transistor
logo
SHENZHEN YONGERJIA INDU...
A92 WINNERJOIN-A92 Datasheet
207Kb / 4P
PNP Silicon Epitaxial Planar Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com