Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMP111 Datasheet(PDF) 2 Page - Excelics Semiconductor, Inc.

Part # EMP111
Description  7.0 - 9.0 GHz Power Amplifier MMIC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.

EMP111 Datasheet(HTML) 2 Page - Excelics Semiconductor, Inc.

  EMP111 Datasheet HTML 1Page - Excelics Semiconductor, Inc. EMP111 Datasheet HTML 2Page - Excelics Semiconductor, Inc. EMP111 Datasheet HTML 3Page - Excelics Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
EMP111
UPDATED 10/05/2004
7.0 – 9.0 GHz Power Amplifier MMIC
Specifications are subject to change without notice.
Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085
page 2 of 3
Phone: 408-737-1711 Fax: 408-737-1868 Web: www.excelics.com
Revised October 2004
Typical Performance:
1. Small Signal Performance (@7V, 400mA)
6
7
8
9
10
11
Frequency (GHz)
EMP111 Small Signal Performance
-25
-20
-15
-10
-5
0
5
10
15
20
DB(|S[2,1]|) *
DB(|S[1,1]|) *
DB(|S[2,2]|) *
2. OIMD VS Pout @7V, 400mA (@8GHz, ∆f=10MHz)
3. P-1 VS Vds @Idsq=400mA
EMP111 OIMD (dBc) vs. Pout(dBm)
-70
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
0
5
10
15
20
25
Each Tone Pout (dBm)
OIMD3
EMP111 P1dB(dBm) vs. Vds
22
23
24
25
26
27
28
29
30
6789
10
Frequency (GHz)
Vds=5V
Vds=7V
APPLICATION INFORMATION (CAUTION: THIS IS AN ESD SENSITIVE DEVICE)
Chip carrier should match GaAs thermal coefficienat of expansion and have high thermal conductivity, such as copper
tungsten or copper molybdenum. The chip carrier should be nickel-gold plated and capable of withstanding 325ºC for 20
minutes.
Die attach should be done with Gold/Tin (80/20) eutectic alloy in inert ambient gas. The backside is used as heatsinking,
DC, and RF contacts.
All die attach and wire bond equipment, especially the tools which touch a die, should be well grounded to avoid accidental
discharge through a die.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com