Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMP112 Datasheet(PDF) 2 Page - Excelics Semiconductor, Inc.

Part # EMP112
Description  5.0 - 7.2 GHz Power Amplifier MMIC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.

EMP112 Datasheet(HTML) 2 Page - Excelics Semiconductor, Inc.

  EMP112 Datasheet HTML 1Page - Excelics Semiconductor, Inc. EMP112 Datasheet HTML 2Page - Excelics Semiconductor, Inc. EMP112 Datasheet HTML 3Page - Excelics Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
EMP112
UPDATED 02/06/2006
5.0 – 7.2 GHz Power Amplifier MMIC
Specifications are subject to change without notice.
Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085
page 2 of 3
Phone: 408-737-1711 Fax: 408-737-1868 Web: www.excelics.com
Revised February 2006
Typical Performance:
1. Small Signal Performance (@7V, 800mA)
4
5
6
7
8
9
Frequency (GHz)
EMP112 Small Signal Performance
-25
-20
-15
-10
-5
0
5
10
15
20
25
DB(|S[2,1]|) *
DB(|S[1,1]|) *
DB(|S[2,2]|) *
2. OIMD VS Pout @7V, 800mA (@8GHz, ∆f=10MHz)
3. P-1 VS Vds @Idsq=800mA
EMP112 OIMD (dBc) vs. Pout(dBm)
-70
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
0
5
10
15
20
25
Each Tone Pout (dBm)
OIMD3
OIMD5
EMP112 P1dB(dBm) vs. Vds
25
26
27
28
29
30
31
32
33
45
678
Frequency (GHz)
Vds=8V
Vds=7V
APPLICATION INFORMATION (CAUTION: THIS IS AN ESD SENSITIVE DEVICE)
Chip carrier should match GaAs thermal coefficienat of expansion and have high thermal conductivity, such as copper tungsten
or copper molybdenum. The chip carrier should be nickel-gold plated and capable of withstanding 325ºC for 20 minutes.
Die attach should be done with Gold/Tin (80/20) eutectic alloy in inert ambient gas. The backside is used as heatsinking, DC,
and RF contacts.
All die attach and wire bond equipment, especially the tools which touch a die, should be well grounded to avoid accidental
discharge through a die.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com