Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMP209 Datasheet(PDF) 2 Page - Excelics Semiconductor, Inc.

Part # EMP209
Description  17.0 - 20.0 GHz Power Amplifier MMIC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.

EMP209 Datasheet(HTML) 2 Page - Excelics Semiconductor, Inc.

  EMP209 Datasheet HTML 1Page - Excelics Semiconductor, Inc. EMP209 Datasheet HTML 2Page - Excelics Semiconductor, Inc. EMP209 Datasheet HTML 3Page - Excelics Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
EMP209
UPDATED 05/08/2008
17.0 – 20.0 GHz Power Amplifier MMIC
Specifications are subject to change without notice.
Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085
page 2 of 3
Phone: 408-737-1711 Fax: 408-737-1868 Web: www.excelics.com
Revised May 2008
Assembly Drawing
The length of RF wires should be as short as possible. Use at least two wires between RF pad and
50 ohm line and separate the wires to minimize the mutual inductance.
CHIP OUTLINE
Chip Size 2100 x 2650 microns
Chip Thickness: 75
± 13 microns
PAD Dimensions: 100 x 100 microns
All Dimensions in Microns



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com