Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

112LP02D-PCB Datasheet(PDF) 6 Page - Sensortechnics GmbH

Part # 112LP02D-PCB
Description  Signal conditioned precision pressure transducers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

112LP02D-PCB Datasheet(HTML) 6 Page - Sensortechnics GmbH

  112LP02D-PCB Datasheet HTML 1Page - Sensortechnics GmbH 112LP02D-PCB Datasheet HTML 2Page - Sensortechnics GmbH 112LP02D-PCB Datasheet HTML 3Page - Sensortechnics GmbH 112LP02D-PCB Datasheet HTML 4Page - Sensortechnics GmbH 112LP02D-PCB Datasheet HTML 5Page - Sensortechnics GmbH 112LP02D-PCB Datasheet HTML 6Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
110L...-PCB / 430L...-PCB Series
Signal conditioned precision pressure transducers
6/6
January 2007 / 006
www.sensortechnics.com
ORDERING INFORMATION
e
r
u
s
s
e
r
p
g
n
i
t
a
r
e
p
O
r
e
b
m
u
n
t
r
a
P
t
u
p
t
u
o
V
6
.
.
.
1t
u
p
t
u
o
A
m
0
2
.
.
.
4
s
e
c
i
v
e
d
e
g
a
g
/
l
a
i
t
n
e
r
e
f
f
i
D
r
a
b
m
1
-
0-
-
-B
C
P
-
D
1
0
P
L
2
3
4
r
a
b
m
2
-
0B
C
P
-
D
2
0
P
L
2
1
1B
C
P
-
D
2
0
P
L
2
3
4
r
a
b
m
5
-
0B
C
P
-
D
5
0
P
L
2
1
1B
C
P
-
D
5
0
P
L
2
3
4
r
a
b
m
0
1
-
0B
C
P
-
D
0
1
P
L
2
1
1B
C
P
-
D
0
1
P
L
2
3
4
r
a
b
m
5
2
-
0B
C
P
-
D
5
2
P
L
2
1
1B
C
P
-
D
5
2
P
L
2
3
4
r
a
b
m
0
5
-
0B
C
P
-
D
0
5
P
L
2
1
1B
C
P
-
D
0
5
P
L
2
3
4
s
e
c
i
v
e
d
m
u
u
c
a
v
/
e
r
u
s
s
e
r
P
r
a
b
m
1
±
0B
C
P
-
D
1
0
P
L
3
1
1B
C
P
-
D
1
0
P
L
3
3
4
r
a
b
m
2
±
0B
C
P
-
D
2
0
P
L
3
1
1B
C
P
-
D
2
0
P
L
3
3
4
r
a
b
m
5
±
0B
C
P
-
D
5
0
P
L
3
1
1B
C
P
-
D
5
0
P
L
3
3
4
r
a
b
m
0
1
±
0B
C
P
-
D
0
1
P
L
3
1
1B
C
P
-
D
0
1
P
L
3
3
4
r
a
b
m
5
2
±
0B
C
P
-
D
5
2
P
L
3
1
1B
C
P
-
D
5
2
P
L
3
3
4
r
a
b
m
0
5
±
0B
C
P
-
D
0
5
P
L
3
1
1B
C
P
-
D
0
5
P
L
3
3
4
s
e
c
i
v
e
d
e
g
a
g
/
l
a
i
t
n
e
r
e
f
f
i
D
H
"
1
-
0
2OB
C
P
-
D
1
0
U
L
2
1
1B
C
P
-
D
1
0
U
L
2
3
4
H
"
2
-
0
2OB
C
P
-
D
2
0
U
L
2
1
1B
C
P
-
D
2
0
U
L
2
3
4
H
"
5
-
0
2OB
C
P
-
D
5
0
U
L
2
1
1B
C
P
-
D
5
0
U
L
2
3
4
H
"
0
1
-
0
2OB
C
P
-
D
0
1
U
L
2
1
1B
C
P
-
D
0
1
U
L
2
3
4
H
"
0
2
-
0
2OB
C
P
-
D
0
2
U
L
2
1
1B
C
P
-
D
0
2
U
L
2
3
4
H
"
0
3
-
0
2OB
C
P
-
D
0
3
U
L
2
1
1B
C
P
-
D
0
3
U
L
2
3
4
s
e
c
i
v
e
d
m
u
u
c
a
v
/
e
r
u
s
s
e
r
P
H
"
1
±
0
2OB
C
P
-
D
1
0
U
L
3
1
1B
C
P
-
D
1
0
U
L
3
3
4
H
"
2
±
0
2OB
C
P
-
D
2
0
U
L
3
1
1B
C
P
-
D
2
0
U
L
3
3
4
H
"
5
±
0
2OB
C
P
-
D
5
0
U
L
3
1
1B
C
P
-
D
5
0
U
L
3
3
4
H
"
0
1
±
0
2OB
C
P
-
D
0
1
U
L
3
1
1B
C
P
-
D
0
1
U
L
3
3
4
H
"
0
2
±
0
2OB
C
P
-
D
0
2
U
L
3
1
1B
C
P
-
D
0
2
U
L
3
3
4
H
"
0
3
±
0
2OB
C
P
-
D
0
3
U
L
3
1
1B
C
P
-
D
0
3
U
L
3
3
4
Custom calibrations available
Sensortechnics reserves the right to make changes to any products herein. Sensortechnics does not assume any liability arising out of the
application or use of any product or circuit described herein, neither does it convey any license under its patent rights nor the rights of others.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com