Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

433LP01D-PCB Datasheet(PDF) 4 Page - Sensortechnics GmbH

Part # 433LP01D-PCB
Description  Signal conditioned precision pressure transducers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

433LP01D-PCB Datasheet(HTML) 4 Page - Sensortechnics GmbH

  433LP01D-PCB Datasheet HTML 1Page - Sensortechnics GmbH 433LP01D-PCB Datasheet HTML 2Page - Sensortechnics GmbH 433LP01D-PCB Datasheet HTML 3Page - Sensortechnics GmbH 433LP01D-PCB Datasheet HTML 4Page - Sensortechnics GmbH 433LP01D-PCB Datasheet HTML 5Page - Sensortechnics GmbH 433LP01D-PCB Datasheet HTML 6Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
110L...-PCB / 430L...-PCB Series
Signal conditioned precision pressure transducers
4/6
January 2007 / 006
www.sensortechnics.com
1...6 V output versions
Differential devices
11
2L...-PCB
1...6 V output versions
Pressure/vacuum devices
11
3L...-PCB
4...20 mA output versions
Differential devices
43
2L...-PCB
4...20 mA output versions
Pressure/vacuum devices
43
3L...-PCB
OUTPUT CHARACTERISTICS
6
5
4
3
2
1
0
V
-50
50
100
% full scale pressure
Vout
-100
0
3.5 V
6
5
4
3
2
1
0
20
40
60
100
% full scale pressure
Vout
80
V
20
16
12
8
4
0
20
40
60
100
% full scale pressure
Iout
80
mA
20
16
12
8
4
0
-50
50
100
% full scale pressure
Iout
mA
-100
0
Specification notes:
1.
2.
3.
4.
5.
6.
7.
8.
The minimum supply voltage is directly proportional to the load resistance seen by the transmitter. For more details see the
load limitation diagram.
Proof pressure is the maximum pressure which may be applied without causing damage to the sensing element.
The output signal is proportional to the pressure applied to port B, relative to port A, e.g. the output signal increases when
vacuum is applied to port A relative to port B.
Calibrated after minimum 3 minutes warm-up time.
Full scale span is the algebraic difference between the positive full scale output and the zero pressure offset.
Thermal effects tested and guaranteed from 0 - 50°C relative to 25°C. All specifications shown are relative to 25°C.
Non-linearity refers to the Best Straight Line fit measured for offset pressure, full scale pressure and 1/2 full-scale pressure.
Change in output after one year or 1 million pressure cycles.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com