Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMP1815 Datasheet(PDF) 20 Page - A1 PROs co., Ltd.

Part # IMP1815
Description  Low Power,, 5V - Ressett- Acttiive LOW,, Open--Draiin Outtputt
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

IMP1815 Datasheet(HTML) 20 Page - A1 PROs co., Ltd.

Back Button IMP1815 Datasheet HTML 16Page - A1 PROs co., Ltd. IMP1815 Datasheet HTML 17Page - A1 PROs co., Ltd. IMP1815 Datasheet HTML 18Page - A1 PROs co., Ltd. IMP1815 Datasheet HTML 19Page - A1 PROs co., Ltd. IMP1815 Datasheet HTML 20Page - A1 PROs co., Ltd. IMP1815 Datasheet HTML 21Page - A1 PROs co., Ltd. IMP1815 Datasheet HTML 22Page - A1 PROs co., Ltd. IMP1815 Datasheet HTML 23Page - A1 PROs co., Ltd. IMP1815 Datasheet HTML 24Page - A1 PROs co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
2
408-432-9100/www.impweb.com
©
1999 IMP, Inc.
Pin Configuration
IMP1
IMP1881166
Pin Descriptions
Pin Number
Name
Function
1
RESET
Active LOW reset output
2
VCC
Power supply input
3
GND
Ground
IMP1816-X
RESET
VCC
GND
3
1
2
1816_03.eps
Package Marking Code
Ordering Information
1816_04.eps
1
2
3
IMP1816-X
SOT23
TO-92*
1816_05a.eps
3
1
2
A
B
C
D
3
2
-
T
O
S
e
d
o
C
r
e
t
t
e
L
e
g
a
k
c
a
P
A
B
t
r
a
P
e
c
n
a
r
e
l
o
T
t
e
s
e
R
K
A
6
1
8
1
P
M
I
%
5
K
B
6
1
8
1
P
M
I
%
0
1
K
D
6
1
8
1
P
M
I
%
0
2
s
p
e
.
2
0
t
_
6
1
8
1
* Add /S to Part Number for straight (unformed) leads. (ie. IMP18xx-x/S)
XX = Date code
*
* Internal 5.5k
Ω resistor pull up.
*** Add /T to Part Number for Tape and Reel. (ie. IMP18xx-x/T)
y
r
a
m
m
u
S
e
c
i
v
e
D
g
n
i
k
r
a
M
e
g
a
k
c
a
P
*
*
*
t
r
a
P
r
e
b
m
u
N
T
E
S
E
R
t
u
p
t
u
O
e
g
a
t
l
o
V
)
V
(
T
E
S
E
R
e
c
n
a
r
e
l
o
T
)
%
(
T
E
S
E
R
e
m
i
T
)
s
m
(
*
*
n
i
a
r
D
-
n
e
p
O
t
u
p
t
u
O
e
g
a
t
S
*
2
9
-
O
T
e
g
a
k
c
a
P
3
2
-
T
O
S
e
g
a
k
c
a
P
T
E
S
E
R
y
t
i
r
a
l
o
P
A
B
C
D
5
-
6
1
8
1
P
M
I
6
0
.
3
5
0
5
1
W
O
L
0
1
-
6
1
8
1
P
M
I
8
8
.
2
0
1
0
5
1
W
O
L
0
2
-
6
1
8
1
P
M
I
5
5
.
2
0
2
0
5
1
W
O
L
5
-
R
6
1
8
1
P
M
I
6
0
.
3
5
0
5
1
W
O
L
K
A
X
X
0
1
-
R
6
1
8
1
P
M
I
8
8
.
2
0
1
0
5
1
W
O
L
K
B
X
X
0
2
-
R
6
1
8
1
P
M
I
5
5
.
2
0
2
0
5
1
W
O
L
K
D
X
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com