Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMP1816 Datasheet(PDF) 2 Page - A1 PROs co., Ltd.

Part # IMP1816
Description  Low Power,, 5V - Ressett- Acttiive LOW,, Open--Draiin Outtputt
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

IMP1816 Datasheet(HTML) 2 Page - A1 PROs co., Ltd.

  IMP1816 Datasheet HTML 1Page - A1 PROs co., Ltd. IMP1816 Datasheet HTML 2Page - A1 PROs co., Ltd. IMP1816 Datasheet HTML 3Page - A1 PROs co., Ltd. IMP1816 Datasheet HTML 4Page - A1 PROs co., Ltd. IMP1816 Datasheet HTML 5Page - A1 PROs co., Ltd. IMP1816 Datasheet HTML 6Page - A1 PROs co., Ltd. IMP1816 Datasheet HTML 7Page - A1 PROs co., Ltd. IMP1816 Datasheet HTML 8Page - A1 PROs co., Ltd. IMP1816 Datasheet HTML 9Page - A1 PROs co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
408-432-9100/www.impweb.com
©
1999 IMP, Inc.
µP Supervisor Products: Low Power Alternatives to Dallas Semiconductor
g
n
i
r
e
d
r
O
P
M
I
r
e
b
m
u
N
t
r
a
P
T
E
S
E
R
)
V
(
e
g
a
tl
o
V
T
E
S
E
R
)
%
(
e
c
n
a
r
e
l
o
T
e
m
i
T
T
E
S
E
R
)
s
m
(
T
E
S
E
R
y
ti
r
a
l
o
P
ll
u
P
-
h
s
u
P
e
g
a
t
S
t
u
p
t
u
O
n
i
a
r
D
n
e
p
O
t
u
p
t
u
O
O
S
n
i
P
-
8
e
g
a
k
c
a
P
2
9
-
O
T
e
g
a
k
c
a
P
3
2
-
T
O
S
e
g
a
k
c
a
P
3
2
2
-
T
O
S
e
g
a
k
c
a
P
5
-
0
1
8
1
P
M
I0
2
6
.
45
0
5
1W
O
LX
X
0
1
-
0
1
8
1
P
M
I0
7
3
.
40
10
5
1W
O
LX
X
5
1
-
0
1
8
1
P
M
I0
2
1
.
45
10
5
1W
O
LX
X
5
-
R
0
1
8
1
P
M
I0
2
6
.
45
0
5
1W
O
LX
X
0
1
-
R
0
1
8
1
P
M
I0
7
3
.
40
10
5
1W
O
LX
X
5
1
-
R
0
1
8
1
P
M
I0
2
1
.
45
10
5
1W
O
LX
X
5
-
1
1
8
1
P
M
I0
2
6
.
45
0
5
1W
O
LX
X
0
1
-
1
1
8
1
P
M
I0
5
3
.
40
10
5
1W
O
LX
X
5
1
-
1
1
8
1
P
M
I0
3
1
.
45
10
5
1W
O
LX
X
5
-
R
1
1
8
1
P
M
I0
2
6
.
45
0
5
1W
O
LX
X
0
1
-
R
1
1
8
1
P
M
I0
5
3
.
40
10
5
1W
O
LX
X
5
1
-
R
1
1
8
1
P
M
I0
3
1
.
45
10
5
1W
O
LX
X
5
-
2
1
8
1
P
M
I0
2
6
.
45
0
5
1H
G
I
HX
X
0
1
-
2
1
8
1
P
M
I0
5
3
.
40
10
5
1H
G
I
HX
X
5
1
-
2
1
8
1
P
M
I0
3
1
.
45
10
5
1H
G
I
HX
X
5
-
R
2
1
8
1
P
M
I0
2
6
.
45
0
5
1H
G
I
HX
X
0
1
-
R
2
1
8
1
P
M
I0
5
3
.
40
10
5
1H
G
I
HX
X
5
1
-
R
2
1
8
1
P
M
I0
3
1
.
45
10
5
1H
G
I
HX
X
5
-
5
1
8
1
P
M
I0
6
0
.
35
0
5
1W
O
LX
X
0
1
-
5
1
8
1
P
M
I0
8
8
.
20
10
5
1W
O
LX
X
0
2
-
5
1
8
1
P
M
I0
5
5
.
20
20
5
1W
O
LX
X
5
-
R
5
1
8
1
P
M
I0
6
0
.
35
0
5
1W
O
LX
X
0
1
-
R
5
1
8
1
P
M
I0
8
8
.
20
10
5
1W
O
LX
X
0
2
-
R
5
1
8
1
P
M
I0
5
5
.
20
20
5
1W
O
LX
X
5
-
6
1
8
1
P
M
I0
6
0
.
35
0
5
1W
O
LX
X
0
1
-
6
1
8
1
P
M
I0
8
8
.
20
10
5
1W
O
LX
X
0
2
-
6
1
8
1
P
M
I0
5
5
.
20
20
5
1W
O
LX
X
5
-
R
6
1
8
1
P
M
I0
6
0
.
35
0
5
1W
O
LX
X
0
1
-
R
6
1
8
1
P
M
I0
8
8
.
20
10
5
1W
O
LX
X
0
2
-
R
6
1
8
1
P
M
I0
5
5
.
20
20
5
1W
O
LX
X
5
-
7
1
8
1
P
M
I0
6
0
.
35
0
5
1H
G
I
HX
X
0
1
-
7
1
8
1
P
M
I0
8
8
.
20
10
5
1H
G
I
HX
X
0
2
-
7
1
8
1
P
M
I0
5
5
.
20
20
5
1H
G
I
HX
X
5
-
R
7
1
8
1
P
M
I0
6
0
.
35
0
5
1H
G
I
HX
X
0
1
-
R
7
1
8
1
P
M
I0
8
8
.
20
10
5
1H
G
I
HX
X
0
2
-
R
7
1
8
1
P
M
I0
5
5
.
20
20
5
1H
G
I
HX
X
5
-
D
3
3
2
1
P
M
I5
2
6
.
45
0
5
3W
O
LX
X
0
1
-
D
3
3
2
1
P
M
I5
7
3
.
40
10
5
3W
O
LX
X
5
1
-
D
3
3
2
1
P
M
I5
2
1
.
45
10
5
3W
O
LX
X
5
-
Z
D
3
3
2
1
P
M
I5
2
6
.
45
0
5
3W
O
LX
X
0
1
-
Z
D
3
3
2
1
P
M
I5
7
3
.
40
10
5
3W
O
LX
X
5
1
-
Z
D
3
3
2
1
P
M
I5
2
1
.
45
10
5
3W
O
LX
X
5
5
-
M
3
3
2
1
P
M
I5
2
6
.
45
0
5
3W
O
LX
X
5
-
M
3
3
2
1
P
M
I5
7
3
.
40
10
5
3W
O
LX
X
3
-
M
3
3
2
1
P
M
I0
2
7
.
25
10
5
3W
O
LX
X
5
5
-
S
M
3
3
2
1
P
M
I5
2
6
.
45
0
5
3W
O
LX
X
5
-
S
M
3
3
2
1
P
M
I5
7
3
.
40
10
5
3W
O
LX
X
3
-
S
M
3
3
2
1
P
M
I0
2
7
.
25
10
5
3W
O
LX
X
7
0
t
_
B
/
D
L
E
µµP Super
P Super visor Cr
visor Cr oss R
oss R ef
efer
er ence
ence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com