Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMP1817 Datasheet(PDF) 17 Page - A1 PROs co., Ltd.

Part # IMP1817
Description  Low Power,, 5V - Ressett- Acttiive LOW,, Open--Draiin Outtputt
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

IMP1817 Datasheet(HTML) 17 Page - A1 PROs co., Ltd.

Back Button IMP1817 Datasheet HTML 13Page - A1 PROs co., Ltd. IMP1817 Datasheet HTML 14Page - A1 PROs co., Ltd. IMP1817 Datasheet HTML 15Page - A1 PROs co., Ltd. IMP1817 Datasheet HTML 16Page - A1 PROs co., Ltd. IMP1817 Datasheet HTML 17Page - A1 PROs co., Ltd. IMP1817 Datasheet HTML 18Page - A1 PROs co., Ltd. IMP1817 Datasheet HTML 19Page - A1 PROs co., Ltd. IMP1817 Datasheet HTML 20Page - A1 PROs co., Ltd. IMP1817 Datasheet HTML 21Page - A1 PROs co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
©
1999 IMP, Inc.
408-432-9100/www.impweb.com
3
IMP1
IMP1881155
Absolute Maximum Ratings
Electrical Characteristics
Voltage on VCC . . . . . . . . . . . . . . . . . . . . . . . . –0.5V to 7V
Voltage on RESET . . . . . . . . . . . . . . . . . . . . . –0.5V to VCC + 0.5V
Operating Temperature Range . . . . . . . . . . . –40
°C to 85°C
Soldering Temperature . . . . . . . . . . . . . . . . . . 260
°C for 10 seconds
Storage Temperature . . . . . . . . . . . . . . . . . . . –55
°C to 125°C
Voltages measured with respect to ground.
These are stress ratings only and functional operation is not implied.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Supply Voltage
VCC
1.2
5.5
V
Output Voltage
VOH
IOUT < 500µA
VCC – 0.5V
VCC – 0.1V
V
Output Current
IOH
Output = 2.4V, VCC ≥ 2.7V
350
µA
Output Current
IOL
Output = 0.4V, VCC ≥ 2.7V
+10
mA
Operating Current
ICC
VCC < 5.5V, RESET output open
8
20
µA
Operating Current
ICC
VCC ≤ 3.6V, RESET output open
6
15
µA
VCC Trip Point (IMP1815-5)
VCCTP
2.98
3.06
3.15
V
VCC Trip Point (IMP1815-10)
VCCTP
2.80
2.88
2.97
V
VCC Trip Point (IMP1815-20)
VCCTP
2.47
2.55
2.64
V
Output Capacitance
COUT
10
pF
VCC Detect to RESET
tRPD
2
5
µs
VCC Slew Rate
tF
Note 1
300
µs
(VCCTP (MAX) to VCCTP (MIN))
VCC Slew Rate
tR
0
ns
(VCCTP (MIN) to VCCTP (MAX))
VCC Detect to RESET
tRPU
tR = 5µs
100
150
250
ms
Unless otherwise noted, VCC = 1.2V to 5.5V and specifications are over the operating temperature range of – 40°C to +85°C.
All voltages are referenced to ground.
Notes 1. The tF value is for reference in defining values for tRPD and should not be considered a requirement for proper operation or use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com