Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPA030C Datasheet(PDF) 2 Page - Excelics Semiconductor, Inc.

Part # EPA030C
Description  High Efficiency Heterojunction Power FET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.

EPA030C Datasheet(HTML) 2 Page - Excelics Semiconductor, Inc.

  EPA030C Datasheet HTML 1Page - Excelics Semiconductor, Inc. EPA030C Datasheet HTML 2Page - Excelics Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EPA030C/EPA030CV
UPDATED 10/24/2006
High Efficiency Heterojunction Power FET
Specifications are subject to change without notice.
Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085
page 2 of 2
Phone: 408-737-1711 Fax: 408-737-1868 Web: www.excelics.com
Revised October 2006
S-PARAMETERS
EPA030C
8V, ½ Idss
FREQ
--- S11 ---
--- S21 ---
--- S12 ---
--- S22 ---
FREQ
--- S11 ---
--- S21 ---
--- S12 ---
--- S22 ---
(GHz) MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(GHz) MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
1.0
0.975 -23.9 7.888 162.4 0.017
76.0
0.750
-9.3
21.0
0.850 130.8 1.761
-0.7
0.069 -18.3 0.404 -121.6
2.0
0.951 -46.7 7.419 147.5 0.032
63.5
0.726 -18.3
22.0
0.854 128.3 1.647
-5.9
0.068 -18.6 0.416 -129.4
4.0
0.883 -85.5 6.169 121.3 0.053
44.0
0.643 -32.0
24.0
0.858 123.8 1.466 -16.0 0.067 -19.4 0.449 -142.5
6.0
0.840 -114.7 4.993 100.9 0.063
30.0
0.577 -41.6
26.0
0.857 120.7 1.336 -25.3 0.067 -16.9 0.489 -153.1
8.0
0.814 -136.9 4.125
84.2
0.067
19.6
0.535 -49.6
28.0
0.860 116.0 1.241 -34.9 0.070 -17.2 0.515 -162.6
10.0
0.801 -154.1 3.495
70.1
0.068
11.2
0.504 -57.1
30.0
0.861 108.2 1.160 -45.6 0.073 -19.5 0.533 -173.0
12.0
0.797 -169.5 3.041
56.7
0.067
4.5
0.479 -65.6
32.0
0.871
98.2
1.071 -56.8 0.072 -23.7 0.552 175.1
14.0
0.791 175.9 2.700
43.7
0.068
-1.9
0.453 -75.2
34.0
0.895
88.7
0.959 -68.0 0.068 -28.5 0.579 161.5
16.0
0.800 160.9 2.425
30.4
0.069
-7.5
0.434 -86.1
36.0
0.952
81.3
0.858 -79.0 0.072 -36.4 0.642 146.1
18.0
0.816 146.4 2.155
17.0
0.070 -12.1 0.411 -98.4
38.0
1.015
74.8
0.765 -91.0 0.073 -51.4 0.702 130.2
20.0
0.832 133.9 1.913
4.3
0.071 -17.8 0.400 -111.3 40.0
1.002
70.1
0.650 -103.1 0.072 -70.2 0.725 119.1
S-PARAMETERS
EPA030CV
8V, ½ Idss
FREQ
--- S11 ---
--- S21 ---
--- S12 ---
--- S22 ---
FREQ
--- S11 ---
--- S21 ---
--- S12 ---
--- S22 ---
(GHz) MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(GHz) MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
1.0
0.988 -25.7 7.512 161.8 0.018
75.1
0.778
-9.1
21.0
0.869 130.7 1.524
-5.5
0.069 -26.1 0.425 -115.0
2.0
0.959 -49.8 7.041 146.0 0.034
62.8
0.748 -17.5
22.0
0.875 127.1 1.428 -11.3 0.069 -27.6 0.430 -122.2
4.0
0.888 -91.2 5.765 118.4 0.054
40.8
0.666 -30.0
24.0
0.891 120.3 1.260 -22.6 0.066 -30.9 0.444 -137.9
6.0
0.837 -125.9 4.662
96.0
0.064
25.3
0.599 -38.2
26.0
0.899 114.0 1.103 -33.8 0.063 -34.5 0.470 -153.9
8.0
0.834 -145.7 3.804
80.1
0.067
15.8
0.545 -43.7
28.0
0.905 109.4 0.955 -44.4 0.061 -35.8 0.505 -169.2
10.0
0.829 -162.2 3.181
65.7
0.068
6.8
0.496 -50.1
30.0
0.906 104.4 0.841 -55.7 0.057 -42.1 0.534 175.4
12.0
0.834 176.4 2.692
50.1
0.068
-2.3
0.466 -58.5
32.0
0.909 100.5 0.735 -66.9 0.054 -50.6 0.569 161.2
14.0
0.847 162.9 2.305
36.9
0.065
-8.7
0.436 -69.7
34.0
0.929
96.5
0.647 -77.2 0.051 -54.3 0.612 149.5
16.0
0.861 150.4 1.987
23.9
0.065 -14.2 0.432 -82.3
36.0
0.967
93.1
0.604 -85.6 0.051 -61.8 0.684 140.0
18.0
0.869 146.0 1.782
12.9
0.068 -18.3 0.418 -98.3
38.0
0.985
88.7
0.559 -96.0 0.063 -75.7 0.726 130.9
20.0
0.867 136.7 1.590
1.0
0.069 -23.3 0.426 -110.4 40.0
0.986
85.8
0.506 -106.2 0.072 -93.8 0.757 123.9
Note: The data included 0.7 mil diameter Au bonding wires; 1gate wire, 15 mils each; 1 drain wire, 20 mils each;
4 source wires, 7 mils each; no source wires for EPA030CV.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com