Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMP1834AS Datasheet(PDF) 6 Page - A1 PROs co., Ltd.

Part # IMP1834AS
Description  Duall 5V and 3..3V mP Power Supplly Superviissorss w/Manuall Ressett
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

IMP1834AS Datasheet(HTML) 6 Page - A1 PROs co., Ltd.

  IMP1834AS Datasheet HTML 1Page - A1 PROs co., Ltd. IMP1834AS Datasheet HTML 2Page - A1 PROs co., Ltd. IMP1834AS Datasheet HTML 3Page - A1 PROs co., Ltd. IMP1834AS Datasheet HTML 4Page - A1 PROs co., Ltd. IMP1834AS Datasheet HTML 5Page - A1 PROs co., Ltd. IMP1834AS Datasheet HTML 6Page - A1 PROs co., Ltd. IMP1834AS Datasheet HTML 7Page - A1 PROs co., Ltd. IMP1834AS Datasheet HTML 8Page - A1 PROs co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
IMP1
IMP183
83 4/A/D
4/A/D
6
408-432-9100/www.impweb.com
©
1999 IMP, Inc.
Reset Output Signal
Reset output signals are valid as long as either voltage at 5VIN
or 3.3VIN is above 1.2V. In addition, the IMP1834 has push-pull
outputs that can remain valid below a 1.2V input level. To sink
current below 1.2V, a resistor should be connected from the reset
output to ground. This resistor guarantees a valid reset signal
down to 0V. A 100k
Ω value is suggested.
The IMP1834A open drain reset outputs require pull-up resistors
and must be low enough in value to pull the output into a HIGH
state. Resistor value is not critical in most applications and a value
of 10k
Ω is suggested. See Figure 5 and Figure 6.
The IMP1834A open drain reset outputs can be connected to the
same potential through a single pull up resistor. In this configura-
tion a failure on either supply will generate an active LOW reset.
If the outputs are pulled-up to different voltages, the reset outputs
(pin 2 and pin 7) should not be connected. See Figure 7.
Figure 5. IMP1834 RESET Valid to 0V
RESET
100k
Ω
1834_06.eps
µP
Input
Figure 6. IMP1834A Open Drain Output Pull-Up Resistor
1834_07.eps
5VIN
10k
Ω
3.3V
1
3.3VIN
5VRESET
2
3.3VRESET
5VTOL
IMP1834A
3
4
3.3VTOL
GND
8
7
6
5
PBRST
5V
10k
Ω
Figure 7. IMP1834A Wired “OR” Connection
1834_08.eps
5VIN
3.3V
1
3.3VIN
5VRESET
2
3.3VRESET
5VTOL
IMP1834A
3
4
3.3VTOL
GND
8
7
6
5
PBRST
5V or 3.3V
5V
10k
Ω
Application Information



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com