Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMP5115CDWT Datasheet(PDF) 2 Page - A1 PROs co., Ltd.

Part # IMP5115CDWT
Description  9--Liine SCSII Termiinattor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

IMP5115CDWT Datasheet(HTML) 2 Page - A1 PROs co., Ltd.

  IMP5115CDWT Datasheet HTML 1Page - A1 PROs co., Ltd. IMP5115CDWT Datasheet HTML 2Page - A1 PROs co., Ltd. IMP5115CDWT Datasheet HTML 3Page - A1 PROs co., Ltd. IMP5115CDWT Datasheet HTML 4Page - A1 PROs co., Ltd. IMP5115CDWT Datasheet HTML 5Page - A1 PROs co., Ltd. IMP5115CDWT Datasheet HTML 6Page - A1 PROs co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
408-432-9100/www.impweb.com
© 2000 IMP, Inc.
Pin Configuration
Ordering Information
Absolute Maximum Ratings1
8
GND
1
TERM POWER
D Package
9NC
7
NC
10 NC
6
D4
11 D5
5
D3
12 D6
4
D2
13 D7
3
D1
14 D8
2
D0
15 NC
16 DISABLE
5115__02.eps
IMP5115
8
GND
1
TERM POWER
DW Package
9NC
7
NC
10 D5
6
D4
11 D6
5
D3
12 D7
4
D2
13 D8
3
D1
14 NC
2
D0
15 NC
16 DISABLE
5115__02a.eps
IMP5115
SO-16
SOWB-16
1
TERM POWER
PWP Package
7
D4
14 D6
8
HEAT SINK/GND
13 D5
9
NC
12 HEAT SINK/GND
10
GND
11 NC
6
D3
15 D7
5
D2
16 D8
4
D1
17 NC
3
D0
18 HEAT SINK/GND
2
HEAT SINK/GND
19 NC
20 DISABLE
5115_02b.eps
IMP5115
TSSOP-20
r
e
b
m
u
N
t
r
a
Pe
g
n
a
R
e
r
u
t
a
r
e
p
m
e
Te
g
a
k
c
a
P
D
C
5
1
1
5
P
M
I0°
5
2
1
o
t
C
°CO
S
c
i
t
s
a
l
P
n
i
p
-
6
1
T
D
C
5
1
1
5
P
M
I0°
5
2
1
o
t
C
°CO
S
c
i
t
s
a
l
P
n
i
p
-
6
1
,
l
e
e
R
d
n
a
e
p
a
T
W
D
C
5
1
1
5
P
M
I0°
5
2
1
o
t
C
°CB
W
O
S
c
i
t
s
a
l
P
n
i
p
-
6
1
T
W
D
C
5
1
1
5
P
M
I0°
5
2
1
o
t
C
°CB
W
O
S
c
i
t
s
a
l
P
n
i
p
-
6
1
,
l
e
e
R
d
n
a
e
p
a
T
P
W
P
C
5
1
1
5
P
M
I0°
5
2
1
o
t
C
°CP
O
S
S
T
c
i
t
s
a
l
P
n
i
p
-
0
2
T
P
W
P
C
5
1
1
5
P
M
I0°
5
2
1
o
t
C
°CP
O
S
S
T
c
i
t
s
a
l
P
n
i
p
-
0
2
,
l
e
e
R
d
n
a
e
p
a
T
3
t
a
.
1
0
t
_
5
1
1
5
Thermal Data
Continuous Termination Voltage . . . . . . . . . . . 10V
Continuous Output Voltage Range
. . . . . . . . 0V to 5.5V
Continuous Disable Voltage Range
. . . . . . . . 0V to 5.5V
Operating Junction Temperature . . . . . . . . . . 0
°C to 125°C
Storage Temperature Range . . . . . . . . . . . . . . –65
°C to 150°C
Lead Temperature (Soldering, 10 sec.) . . . . . . 300
°C
Note:
1. Exceeding these ratings could cause damage to the device. All
voltages are with respect to Ground. Currents are positive
into, negative out of the specified terminal.
D Package:
Thermal Resistance Junction-to-Ambient,
θJA . . . . . . 120°C/W
DW Package:
Thermal Resistance Junction-to-Ambient,
θJA . . . . . . 95°C/W
PWP Package:
Thermal Resistance Junction-to-Ambient,
θJA . . . . . . 139°C/W
Junction Temperature Calculation: TJ = TA + (PD x θJA).
The
θJA numbers are guidelines for the thermal performance of the
device/pc-board system. All of the ambient airflow is assumed.
1
IMP5
IMP5111155



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com