Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPB018B7 Datasheet(PDF) 2 Page - Excelics Semiconductor, Inc.

Part # EPB018B7
Description  Super Low Noise High Gain Heterojunction FET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.

EPB018B7 Datasheet(HTML) 2 Page - Excelics Semiconductor, Inc.

  EPB018B7 Datasheet HTML 1Page - Excelics Semiconductor, Inc. EPB018B7 Datasheet HTML 2Page - Excelics Semiconductor, Inc. EPB018B7 Datasheet HTML 3Page - Excelics Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
EPB018B5/B7/B9-70
ISSUED 11/01/2007
Super Low Noise High Gain Heterojunction FET
Specifications are subject to change without notice.
Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085
page 2 of 3
Phone: 408-737-1711 Fax: 408-737-1868 Web: www.excelics.com
Revised November 2007
S-PARAMETERS VDS = 2 V, IDS = 15 mA
EPB018B5-70
EPB018B7-70
-S11-
-S21-
-S12-
-S22-
-S11-
-S21-
-S12-
-S22-
FREQ
(GHz) MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
FREQ
(GHz) MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
1.0
0.983
-18.6
6.245 162.2 0.019
78.9
0.530
-13.5
1.0
0.985
-18.9
5.754 162.0 0.021
77.1
0.677
-13.7
2.0
0.944
-37.5
5.964 144.3 0.036
65.2
0.507
-28.8
2.0
0.949
-38.2
5.495 143.9 0.040
63.1
0.650
-28.9
3.0
0.896
-55.5
5.582 127.7 0.050
53.6
0.485
-42.6
3.0
0.903
-56.2
5.137 127.2 0.055
50.5
0.622
-42.7
4.0
0.849
-72.6
5.327 112.4 0.063
43.6
0.464
-54.2
4.0
0.860
-73.6
4.914 111.8 0.067
39.1
0.595
-54.1
5.0
0.797
-89.2
5.111
97.6
0.074
33.1
0.421
-65.4
5.0
0.812
-90.4
4.726
96.9
0.079
28.5
0.549
-65.4
6.0
0.747 -103.7 4.799
83.4
0.081
23.4
0.370
-78.6
6.0
0.765 -104.9 4.461
82.4
0.086
17.8
0.495
-78.6
7.0
0.691 -118.6 4.503
69.9
0.085
13.9
0.344
-90.7
7.0
0.713 -119.9 4.189
68.6
0.092
7.3
0.464
-90.5
8.0
0.642 -132.8 4.277
57.0
0.088
4.7
0.303 -100.7
8.0
0.664 -134.3 3.982
55.4
0.093
-3.6
0.411 -100.6
9.0
0.600 -155.6 4.189
42.7
0.093
-5.1
0.271 -111.2
9.0
0.621 -157.1 3.908
40.9
0.096
-12.9
0.374 -108.6
10.0
0.567 -178.3 4.012
27.8
0.096
-16.3
0.228 -126.9
10.0
0.591 -179.4 3.759
25.7
0.098
-24.5
0.328 -121.7
11.0
0.534 170.3 3.846
15.5
0.094
-26.5
0.193 -145.5
11.0
0.564 169.0 3.644
12.8
0.099
-33.4
0.295 -140.0
12.0
0.515 155.6 3.758
2.9
0.093
-33.1
0.177 -161.2
12.0
0.541 153.2 3.551
-0.8
0.098
-43.3
0.266 -157.6
13.0
0.555 128.7 3.569
-12.5
0.091
-44.2
0.137 176.3
13.0
0.574 126.2 3.360
-16.6
0.096
-54.9
0.210 -174.2
14.0
0.596 106.0 3.317
-27.1
0.088
-55.6
0.114 151.4
14.0
0.609 103.6 3.093
-31.7
0.090
-66.7
0.173 167.6
15.0
0.592
91.3
3.214
-41.3
0.087
-66.9
0.141 123.9
15.0
0.598
88.8
2.985
-46.4
0.090
-78.4
0.187 139.8
16.0
0.597
74.3
3.086
-56.8
0.083
-81.1
0.158
94.5
16.0
0.597
71.4
2.857
-62.2
0.085
-92.9
0.194 109.8
17.0
0.619
59.2
2.756
-69.5
0.071
-90.3
0.134
68.1
17.0
0.612
55.7
2.548
-75.5
0.072 -102.8 0.155
89.8
18.0
0.670
49.9
2.668
-79.4
0.071
-97.3
0.136
64.0
18.0
0.661
46.6
2.472
-85.8
0.076 -105.2 0.183
89.7
19.0
0.668
33.0
2.623
-95.4
0.069 -115.9 0.169
51.0
19.0
0.657
29.0
2.381 -102.1 0.076 -126.2 0.221
68.8
20.0
0.708
17.3
2.551 -111.1 0.064 -131.4 0.172
37.8
20.0
0.697
13.2
2.286 -118.1 0.071 -141.6 0.240
56.1
21.0
0.757
8.2
2.447 -125.1 0.061 -144.1 0.159
18.7
21.0
0.740
4.4
2.173 -131.8 0.068 -155.3 0.221
40.9
22.0
0.743
-2.5
2.325 -139.4 0.063 -159.2 0.135
14.7
22.0
0.728
-5.8
2.067 -145.9 0.070 -167.9 0.210
36.8
23.0
0.726
-21.1
2.224 -158.5 0.065 179.4 0.115
-1.3
23.0
0.717
-24.4
1.958 -164.5 0.071 172.5 0.188
21.8
24.0
0.747
-39.6
2.063 -178.1 0.067 158.8 0.102
-39.6
24.0
0.743
-41.8
1.807 176.3 0.071 151.8 0.154
-5.5
25.0
0.709
-52.6
2.024 167.9 0.072 144.7 0.136
-56.6
25.0
0.710
-53.5
1.757 161.7 0.075 138.3 0.174
-28.1
26.0
0.683
-70.6
2.006 150.2 0.083 132.8 0.117
-71.3
26.0
0.689
-69.1
1.759 145.4 0.084 124.1 0.152
-47.5
NOISE-PARAMETERS EPB018B7-70
VDS = 2 V, IDS = 15 mA
FREQ
Gamma Opt
Nfmin
(GHz)
MAG
ANG
(dB)
Rn/50
2
0.76
25
0.37
0.26
4
0.65
56
0.43
0.22
6
0.51
84
0.48
0.16
8
0.41
118
0.55
0.11
10
0.26
159
0.61
0.08
12
0.26
-144
0.68
0.08
14
0.32
-82
0.89
0.18
16
0.40
-46
1.10
0.29
18
0.40
-26
1.30
0.45
20
0.51
8
1.45
0.55
22
0.41
27
1.69
0.61
24
0.48
75
1.83
0.59
26
0.52
108
2.05
0.40



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com