Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EFA024A Datasheet(PDF) 2 Page - Excelics Semiconductor, Inc.

Part # EFA024A
Description  Low Distortion GaAs Power FET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.

EFA024A Datasheet(HTML) 2 Page - Excelics Semiconductor, Inc.

  EFA024A Datasheet HTML 1Page - Excelics Semiconductor, Inc. EFA024A Datasheet HTML 2Page - Excelics Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EFA024A
PRELIMINARY DATA SHEET
Low Distortion GaAs Power FET
S-PARAMETERS
S-PARAMETERS
3V, 15mA
6V,1/2Idss
FREQ
--- S11 ---
--- S21 ---
--- S12 ---
--- S22 ---
FREQ
--- S11 ---
--- S21 ---
--- S12 ---
--- S22 ---
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
1.0
0.998
-11.6
3.455
169.4
0.019
80.9
0.715
-7.2
1.0
0.990
-12.5
3.579
168.3
0.012
81.1
0.807
-5.3
2.0
0.984
-23.2
3.398
160.1
0.036
74.2
0.702
-13.8
2.0
0.977
-25.3
3.516
158.5
0.025
74.8
0.801
-10.6
3.0
0.972
-34.2
3.356
151.3
0.054
67.8
0.687
-19.6
3.0
0.961
-37.5
3.459
149.2
0.036
68.2
0.788
-14.8
4.0
0.950
-44.8
3.231
142.7
0.068
61.5
0.686
-27.8
4.0
0.941
-49.2
3.324
139.4
0.045
61.1
0.783
-21.5
5.0
0.927
-53.9
3.002
133.9
0.079
55.3
0.677
-32.9
5.0
0.920
-59.3
3.055
130.4
0.051
55.2
0.778
-26.2
6.0
0.908
-65.5
2.966
125.3
0.092
49.0
0.637
-36.8
6.0
0.902
-72.1
2.990
121.3
0.059
49.9
0.748
-27.6
7.0
0.878
-75.5
2.918
117.6
0.105
43.3
0.609
-44.2
7.0
0.878
-82.5
2.943
113.3
0.068
45.2
0.720
-32.5
8.0
0.859
-81.6
2.669
110.1
0.108
37.7
0.606
-51.2
8.0
0.865
-88.2
2.674
105.6
0.069
40.5
0.717
-39.6
9.0
0.853
-90.4
2.498
102.9
0.114
32.3
0.582
-53.6
9.0
0.859
-96.2
2.473
98.4
0.071
35.4
0.707
-42.1
10.0
0.835
-99.4
2.415
96.2
0.120
27.5
0.544
-57.1
10.0
0.843
-104.7
2.388
91.7
0.074
30.6
0.678
-45.2
11.0
0.827
-106.4
2.294
89.5
0.123
23.1
0.527
-62.9
11.0
0.837
-110.5
2.264
85.0
0.075
27.8
0.670
-50.8
12.0
0.815
-114.4
2.186
83.0
0.127
18.1
0.500
-67.0
12.0
0.824
-117.6
2.159
78.4
0.078
24.3
0.652
-54.5
13.0
0.799
-120.5
2.100
76.9
0.131
14.2
0.484
-75.5
13.0
0.808
-122.8
2.092
72.1
0.080
20.6
0.643
-62.9
14.0
0.796
-123.4
1.901
72.1
0.127
11.5
0.515
-79.5
14.0
0.803
-125.6
1.881
66.3
0.076
17.6
0.672
-69.2
15.0
0.816
-134.9
1.817
65.9
0.127
7.0
0.492
-74.4
15.0
0.814
-137.5
1.782
60.2
0.077
15.0
0.675
-64.7
16.0
0.802
-146.3
1.910
58.4
0.142
2.0
0.416
-83.9
16.0
0.803
-149.5
1.897
52.5
0.085
11.3
0.616
-69.2
17.0
0.752
-139.3
1.791
54.4
0.142
0.3
0.477
-105.8
17.0
0.766
-143.3
1.783
46.6
0.086
8.7
0.651
-89.0
18.0
0.773
-145.1
1.562
50.2
0.130
-1.6
0.540
-98.6
18.0
0.784
-149.9
1.506
42.6
0.077
8.4
0.713
-85.2
19.0
0.776
-163.9
1.620
43.2
0.141
-6.2
0.462
-87.8
19.0
0.789
-168.5
1.545
36.7
0.084
6.1
0.672
-72.2
20.0
0.729
-171.0
1.607
33.7
0.148
-12.9
0.452
-118.6
20.0
0.760
-175.1
1.583
25.9
0.091
-0.6
0.630
-95.3
21.0
0.715
-168.2
1.559
32.7
0.150
-12.3
0.529
-113.0
21.0
0.753
-173.0
1.505
24.3
0.092
1.2
0.689
-94.8
22.0
0.733
-167.4
1.470
30.0
0.147
-12.6
0.487
-113.4
22.0
0.767
-170.3
1.423
22.6
0.092
3.2
0.669
-95.5
23.0
0.737
179.0
1.398
20.7
0.148
-18.8
0.459
-125.1
23.0
0.772
177.9
1.371
12.9
0.093
-3.0
0.634
-106.0
24.0
0.736
175.2
1.353
17.6
0.149
-19.7
0.500
-123.0
24.0
0.768
174.8
1.329
8.9
0.096
-3.1
0.671
-108.4
25.0
0.751
174.5
1.306
13.3
0.148
-20.7
0.431
-130.3
25.0
0.776
175.3
1.303
4.5
0.098
-2.8
0.633
-115.5
26.0
0.746
166.7
1.241
5.3
0.145
-26.7
0.482
-148.0
26.0
0.769
167.3
1.234
-6.0
0.097
-8.8
0.668
-133.3
Note:
The data included 0.7 mils diameter Au bonding wires:
2 gate wires, 15 mils each; 2 drain wires, 20 mils each; 6 source wires, 10 mils each.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com