Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMP690AMJA Datasheet(PDF) 2 Page - A1 PROs co., Ltd.

Part # IMP690AMJA
Description  μP Power Supplly Supervisor wiitth Battttery Backup Swiittch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

IMP690AMJA Datasheet(HTML) 2 Page - A1 PROs co., Ltd.

  IMP690AMJA Datasheet HTML 1Page - A1 PROs co., Ltd. IMP690AMJA Datasheet HTML 2Page - A1 PROs co., Ltd. IMP690AMJA Datasheet HTML 3Page - A1 PROs co., Ltd. IMP690AMJA Datasheet HTML 4Page - A1 PROs co., Ltd. IMP690AMJA Datasheet HTML 5Page - A1 PROs co., Ltd. IMP690AMJA Datasheet HTML 6Page - A1 PROs co., Ltd. IMP690AMJA Datasheet HTML 7Page - A1 PROs co., Ltd. IMP690AMJA Datasheet HTML 8Page - A1 PROs co., Ltd. IMP690AMJA Datasheet HTML 9Page - A1 PROs co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Ordering Information
Pin Configuration
2
IMP690A
IMP690A , 692A
, 692A , 802L, 802M, 805L
, 802L, 802M, 805L
4
PFI
3
GND
2
VCC
1
VOUT
5
PFO
6
WDI
7
RESET (RESET)
8
VBATT
690A_02.eps
IMP690A
IMP692A
IMP802L
IMP802M
IMP805L
( ) IMP805L
Plastic/CerDip/SO
Part Number
Reset Threshold (V)
Temperature Range
Pins-Package
IMP690A
IMP690ACPA
4.5 to 4.75
0
°C to +70°C
8-Plastic DIP
IMP690ACSA
4.5 to 4.75
0
°C to +70°C
8-SO
IMP690AC/D
4.5 to 4.75
25
°C
DICE
IMP690AEPA
– 40
°C to +85°C
8-Plastic DIP
IMP690AESA
4.5 to 4.75
– 40
°C to +85°C
8-SO
IMP690AMJA
4.5 to 4.75
Contact Factory
8-CerDIP
IMP692A
IMP692ACPA
4.25 to 4.50
0
°C to +70°C
8-Plastic DIP
IMP692ACSA
4.25 to 4.50
0
°C to +70°C
8-SO
IMP692AC/D
4.25 to 4.50
25
°C
DICE
IMP692AEPA
4.25 to 4.50
– 40
°C to +85°C
8-Plastic DIP
IMP692AESA
4.25 to 4.50
– 40
°C to +85°C
8-SO
IMP692AMJA
4.25 to 4.50
Contact Factory
8-CerDIP
IMP802L
IMP802LCPA
4.5 to 4.75
0
°C to +70°C
8-Plastic DIP
IMP802LCSA
4.5 to 4.75
0
°C to +70°C
8-SO
IMP802LEPA
4.5 to 4.75
– 40
°C to +85°C
8-Plastic DIP
IMP802LESA
4.5 to 4.75
– 40
°C to +85°C
8-SO
IMP802M
IMP802MCPA
4.25 to 4.50
0
°C to +70°C
8-Plastic DIP
IMP802MCSA
4.25 to 4.50
0
°C to +70°C
8-SO
IMP802MEPA
4.25 to 4.50
– 40
°C to +85°C
8-Plastic DIP
IMP802MESA
4.25 to 4.50
– 40
°C to +85°C
8-SO
IMP805L
IMP805LCPA
4.5 to 4.75
0
°C to +70°C
8-Plastic DIP
IMP805LCSA
4.5 to 4.75
0
°C to +70°C
8-SO
IMP805LC/D
4.5 to 4.75
25
°C
DICE
IMP805LEPA
4.5 to 4.75
–40
°C to +85°C
8-Plastic DIP
IMP805LESA
4.5 to 4.75
–40
°C to +85°C
8-SO
IMP805LMJA
4.5 to 4.75
Contact Factory
8-CerDIP



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com