Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMP5219 Datasheet(PDF) 2 Page - A1 PROs co., Ltd.

Part # IMP5219
Description  9--Liine SCSII Termiinattor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

IMP5219 Datasheet(HTML) 2 Page - A1 PROs co., Ltd.

  IMP5219 Datasheet HTML 1Page - A1 PROs co., Ltd. IMP5219 Datasheet HTML 2Page - A1 PROs co., Ltd. IMP5219 Datasheet HTML 3Page - A1 PROs co., Ltd. IMP5219 Datasheet HTML 4Page - A1 PROs co., Ltd. IMP5219 Datasheet HTML 5Page - A1 PROs co., Ltd. IMP5219 Datasheet HTML 6Page - A1 PROs co., Ltd. IMP5219 Datasheet HTML 7Page - A1 PROs co., Ltd. IMP5219 Datasheet HTML 8Page - A1 PROs co., Ltd. IMP5219 Datasheet HTML 9Page - A1 PROs co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
408-432-9100/www.impweb.com
© 2000 IMP, Inc.
Pin Configuration
Ordering Information
Absolute Maximum Ratings1
8
GND
1
TERM POWER
DW Package
9
GND
7
D4
10 D5
6
D3
11 D6
5
D2
12 D7
4
D1
13 D8
3
D0
14 DISABLE
2
NC
15 NC
16 TERM POWER
5219_02.eps
IMP5219
SOWB-16
10
GND
1
TERM POWER
PW Package
11 GND
7
D3
14 D6
8
D4
13 D5
9
NC
12 NC
6
D2
15 NC
5
D1
16 D7
4
D0
17 D8
3
NC
18 NC
2
NC
19 DISABLE
20 TERM POWER
5219_02a.eps
IMP5219
TSSOP-20
r
e
b
m
u
N
t
r
a
Pe
g
n
a
R
e
r
u
t
a
r
e
p
m
e
Te
g
a
k
c
a
P
W
D
C
9
1
2
5
P
M
I0°
5
2
1
o
t
C
°CB
W
O
S
c
i
t
s
a
l
P
n
i
p
-
6
1
T
W
D
C
9
1
2
5
P
M
I0°
5
2
1
o
t
C
°CB
W
O
S
c
i
t
s
a
l
P
n
i
p
-
6
1
,
l
e
e
R
d
n
a
e
p
a
T
W
P
C
9
1
2
5
P
M
I0°
5
2
1
o
t
C
°CP
O
S
S
T
c
i
t
s
a
l
P
n
i
p
-
0
2
T
W
P
C
9
1
2
5
P
M
I0°
5
2
1
o
t
C
°CP
O
S
S
T
c
i
t
s
a
l
P
n
i
p
-
0
2
,
l
e
e
R
d
n
a
e
p
a
T
3
t
a
.
1
0
t
_
9
1
2
5
Thermal Data
Continuous Termination Voltage . . . . . . . . . . . 10V
Continuous Output Voltage Range
. . . . . . . . 0V to 5.5V
Continuous Disable Voltage Range
. . . . . . . . 0V to 5.5V
Operating Junction Temperature . . . . . . . . . . 0
°C to 125°C
Storage Temperature Range . . . . . . . . . . . . . . –65
°C to 150°C
Lead Temperature (Soldering, 10 sec.) . . . . . . 300
°C
Note:
1. Exceeding these ratings could cause damage to the device. All
voltages are with respect to Ground. Currents are positive
into, negative out of the specified terminal.
DW Package:
Thermal Resistance Junction-to-Ambient,
θJA . . . . . . 95°C/W
PW Package:
Thermal Resistance Junction-to-Ambient,
θJA . . . . . . 144°C/W
Junction Temperature Calculation: TJ = TA + (PD x θJA).
The
θJA numbers are guidelines for the thermal performance of the
device/pc-board system. All of the ambient airflow is assumed.
IMP5
IMP511111/5
1/5111122
IMP52
IMP521199



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com