Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMP38C43ESA Datasheet(PDF) 4 Page - A1 PROs co., Ltd.

Part # IMP38C43ESA
Description  BiiCMOS Currentt--Mode BiiCMOS Currentt--Mode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

IMP38C43ESA Datasheet(HTML) 4 Page - A1 PROs co., Ltd.

  IMP38C43ESA Datasheet HTML 1Page - A1 PROs co., Ltd. IMP38C43ESA Datasheet HTML 2Page - A1 PROs co., Ltd. IMP38C43ESA Datasheet HTML 3Page - A1 PROs co., Ltd. IMP38C43ESA Datasheet HTML 4Page - A1 PROs co., Ltd. IMP38C43ESA Datasheet HTML 5Page - A1 PROs co., Ltd. IMP38C43ESA Datasheet HTML 6Page - A1 PROs co., Ltd. IMP38C43ESA Datasheet HTML 7Page - A1 PROs co., Ltd. IMP38C43ESA Datasheet HTML 8Page - A1 PROs co., Ltd. IMP38C43ESA Datasheet HTML 9Page - A1 PROs co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
IMP38C/HC/42/3/4/5
IMP38C/HC/42/3/4/5
4
408-432-9100/www.impweb.com
© 2000 IMP, Inc. !
S
Absolute Maximum Ratings
VCC Supply Voltage . . . . . . . . . . . . . . . . . . . . . . 20V
VCC Supply Current . . . . . . . . . . . . . . . . . . . . . . 30mA
IOUT Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.0A
Current-Sense and Feedback Inputs . . . . . . . . 0.3V to 5.5V
Operation Junction Temperature . . . . . . . . . . . +150
°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . – 65
°C to +150°C
Lead Soldering Temperature (10 seconds) . . . +300
°C
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Reference
Output voltage
VREF
TA = +25
°C, IO = 1mA
4.90
5.00
5.10
V
Line Regulation
12V
≤ VCC ≤ 18V, IOUT = 5µA2
20
mV
Load Regulation
1mA
≤ IO ≤ 20mA
1
25
mV
Temperature Stability
TCREF
Note 1
0.2
mV/
°C
Total Reference Variation
Line, Load, Temperature, Note 1
4.82
5.18
V
Output Noise Voltage
VN
10Hz
≤ f ≤ 10kHz, TA = +25°C, Note 1
50
µV
Long Term Stability
TA = 125
°C, 1000 Hours, Note 1
TBD
mV
Output Short Circuit
ISC
– 30
– 40
– 180
mA
Oscillator Section
Initial Accuracy
fINIT
TA = 25
°C, Note 5
49
52
55
kHz
Voltage Stability
12V
≤ VCC ≤ 18V
0.2
1.0
%
Temperature Stability
TCOSC
Note 1
0.04
%/
°C
Discharge Current
VRT/CT = 2V
7.2
8.4
12.0
mA
Amplitude peak-to-peak
VOSC, P-P
VRT/CT peak-to-peak
1.1
1.7
2.3
V
Error Amplifier Section
Input Voltage
VIN
VCOMP = 2.5V
2.45
2.50
2.55
V
Input Bias Current
IB
VFB = 4.5V
–11
µA
Open Loop Gain
AVOL
2V
≤ VO ≤ 4V, Note 1
65
90
dB
Unity Gain Bandwidth
UGBW
Note1
0.7
1.0
MHz
Power Supply Rejection Ratio
PSRR
VSTART
≤ VCC ≤ VCCMAX
60
dB
Output Sink Current
IOL
VFB = 2.7V, Vcomp = 1.1V
2
6
mA
Output Source Current
IOH
VFB = 2.3V, Vcomp = 5.0V
– 0.5
– 1.0
mA
VOUT High
VOH
VFB = 2.3V, RL = 15k
Ω to ground
4.5
4.6
5.0
V
VOUT Low
VOL
VFB = 2.7V, RL = 15k
Ω to VREF
0.30
0.50
V
Unless otherwise noted, VCC = 15V, RT = 10k
Ω and CT = 3.3nF. Specifications are over the – 40°C to +85°C ambient temperature range.
Bold/blue
specifications indicate enhanced performance features.
Electrical Characteristics
Package Thermal Resistance
8-Pin Plastic DIP (
θJA) . . . . . . . . . . . . . . . . . 125°C/W
8-Pin MicroSO (
θJA) . . . . . . . . . . . . . . . . . . . 250°C/W
8-Pin SO (
θJA) . . . . . . . . . . . . . . . . . . . . . . . . 170°C/W
14-Pin Plastic DIP (
θJA) . . . . . . . . . . . . . . . . 90°C/W
14-Pin SO (
θJA) . . . . . . . . . . . . . . . . . . . . . . . 145°C/W
Note: All voltages are referenced to GND.
These are stress ratings only and functional operation is not
implied. Exposure to absolute maximum ratings for prolonged
time periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com