Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPA090AV Datasheet(PDF) 1 Page - Excelics Semiconductor, Inc.

Part # EPA090AV
Description  High Efficiency Heterojunction Power FET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.

EPA090AV Datasheet(HTML) 1 Page - Excelics Semiconductor, Inc.

  EPA090AV Datasheet HTML 1Page - Excelics Semiconductor, Inc. EPA090AV Datasheet HTML 2Page - Excelics Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Excelics
EPA090A/EPA090AV
DATA SHEET
High Efficiency Heterojunction Power FET
•• +28.0dBm TYPICAL OUTPUT POWER
•• 10.0dB TYPICAL POWER GAIN FOR EPA090A AND
11.0dB FOR EPA090AV AT 18GHz
•• 0.3 X 900 MICRON RECESSED “MUSHROOM” GATE
•• Si
3N4 PASSIVATION
•• ADVANCED EPITAXIAL DOPING PROFILE
PROVIDES HIGH POWER EFFICIENCY,
LINEARITY AND RELIABILITY
•• EPA090AV WITH VIA HOLE SOURCE GROUNDING
•• Idss SORTED IN 20mA PER BIN RANGE
ELECTRICAL CHARACTERISTICS (Ta = 25
OC)
SYMBOLS
PARAMETERS/TEST CONDITIONS
EPA090A
EPA090AV
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
Output Power at 1dB Compression
f=12GHz
28.0
28.0
P1dB
Vds=8V, Ids=50% Idss
f=18GHz
25.0
28.0
25.0
28.0
dBm
Gain at 1dB Compression
f=12GHz
11.5
13.0
12.0
13.5
G1dB
Vds=8V, Ids=50% Idss
f=18GHz
10.0
11.0
dB
Gain at 1dB Compression
PAE
Vds=8V, Ids=50% Idss
f=12GHz
45
46
%
Idss
Saturated Drain Current
Vds=3V, Vgs=0V
160
270
380
160
270
380
mA
Gm
Transconductance
Vds=3V, Vgs=0V
180
290
180
290
mS
Vp
Pinch-off Voltage
Vds=3V, Ids=3.0mA
-1.0
-2.5
-1.0
-2.5
V
BVgd
Drain Breakdown Voltage Igd=1.0mA
-11
-15
-11
-15
V
BVgs
Source Breakdown Voltage Igs=1.0mA
-7
-14
-7
-14
V
Rth
Thermal Resistance (Au-Sn Eutectic Attach)
45
35
oC/W
MAXIMUM RATINGS AT 25
OC
SYMBOLS
PARAMETERS
EPA090A
EPA090AV
ABSOLUTE
1
CONTINUOUS
2
ABSOLUTE
1
CONTINUOUS
2
Vds
Drain-Source Voltage
12V
8V
12V
8V
Vgs
Gate-Source Voltage
-8V
-3V
-8V
-3V
Ids
Drain Current
Idss
315mA
Idss
Idss
Igsf
Forward Gate Current
45mA
7.5mA
45mA
7.5mA
Pin
Input Power
26dBm
@ 3dB
Compression
26dBm
@ 3dB
Compression
Tch
Channel Temperature
175
oC
150
oC
175
oC
150
oC
Tstg
Storage Temperature
-65/175
oC
-65/150
oC
-65/175
oC
-65/150
oC
Pt
Total Power Dissipation
3.0W
2.5W
3.8W
3.2W
Note: 1. Exceeding any of the above ratings may result in permanent damage.
2. Exceeding any of the above ratings may reduce MTTF below design goals.
Excelics Semiconductor, Inc., 2908 Scott Blvd., Santa Clara, CA 95054
Phone: (408) 970-8664 Fax: (408) 970-8998 Web Site: www.excelics.com
Chip Thickness: 75
± 20 microns
All Dimensions In Microns
: Via Hole
No Via Hole For EPA090A


Similar Part No. - EPA090AV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EPA090A ETC-EPA090A Datasheet
41Kb / 2P
High Efficiency Heterojunction Power FET
More results

Similar Description - EPA090AV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EPA090A ETC-EPA090A Datasheet
41Kb / 2P
High Efficiency Heterojunction Power FET
EPA040A-70 ETC1-EPA040A-70 Datasheet
23Kb / 2P
High Efficiency Heterojunction Power FET
logo
Excelics Semiconductor,...
EPA030C-70 EXCELICS-EPA030C-70 Datasheet
86Kb / 1P
High Efficiency Heterojunction Power FET
EPA030C EXCELICS-EPA030C Datasheet
99Kb / 2P
High Efficiency Heterojunction Power FET
EPA240B-100P EXCELICS-EPA240B-100P Datasheet
44Kb / 1P
High Efficiency Heterojunction Power FET
EPA240D-CP083 EXCELICS-EPA240D-CP083 Datasheet
40Kb / 1P
High Efficiency Heterojunction Power FET
EPA025A EXCELICS-EPA025A Datasheet
48Kb / 3P
High Efficiency Heterojunction Power FET
EPA080A-70 EXCELICS-EPA080A-70 Datasheet
23Kb / 2P
High Efficiency Heterojunction Power FET
EPA120E EXCELICS-EPA120E Datasheet
58Kb / 2P
High Efficiency Heterojunction Power FET
EPA480C EXCELICS-EPA480C Datasheet
28Kb / 2P
High Efficiency Heterojunction Power FET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com