Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMP8980D Datasheet(PDF) 13 Page - A1 PROs co., Ltd.

Part # IMP8980D
Description  PCM Digital Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

IMP8980D Datasheet(HTML) 13 Page - A1 PROs co., Ltd.

Back Button IMP8980D Datasheet HTML 6Page - A1 PROs co., Ltd. IMP8980D Datasheet HTML 7Page - A1 PROs co., Ltd. IMP8980D Datasheet HTML 8Page - A1 PROs co., Ltd. IMP8980D Datasheet HTML 9Page - A1 PROs co., Ltd. IMP8980D Datasheet HTML 10Page - A1 PROs co., Ltd. IMP8980D Datasheet HTML 11Page - A1 PROs co., Ltd. IMP8980D Datasheet HTML 12Page - A1 PROs co., Ltd. IMP8980D Datasheet HTML 13Page - A1 PROs co., Ltd. IMP8980D Datasheet HTML 14Page - A1 PROs co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
Ordering Information
Ordering Part Number
Package Type
IMP8980DC
40 Pin Ceramic DIP
IMP8980DE
40 Pin Plastic DIP
IMP8980DP
44 Pin PLCC
IMP8980DP/T
Tape and Reel, 44 Pin PLCC
Figure 2 Pin Connections
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
40 Pin CERDIP/Plastic DIP
CSTo
ODE
STo0
STo1
STo2
STo3
ST04
ST05
STo6
STo7
VSS
D0
D1
D2
D3
D4
D5
D6
D7
CS
DTA
STi0
STi1
STi2
STi3
STi4
STi5
STi6
STi7
VDD
F0i
C4i
A0
A1
A2
A3
A4
A5
DS
R/W
7
8
9
10
11
12
13
14
15
16
17
39
38
37
36
35
34
33
32
31
30
29
44 Pin PLCC
STo3
ST04
ST05
STo6
STo7
VSS
D0
D1
D2
D3
D4
STi3
STi4
STi5
STi6
STi7
VDD
F0i
C4i
A0
A1
A2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com