Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMP2524 Datasheet(PDF) 2 Page - A1 PROs co., Ltd.

Part # IMP2524
Description  Quad USB Hiigh--Siide Power Swiittch wiitth Faulltt Dettecttiion
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

IMP2524 Datasheet(HTML) 2 Page - A1 PROs co., Ltd.

  IMP2524 Datasheet HTML 1Page - A1 PROs co., Ltd. IMP2524 Datasheet HTML 2Page - A1 PROs co., Ltd. IMP2524 Datasheet HTML 3Page - A1 PROs co., Ltd. IMP2524 Datasheet HTML 4Page - A1 PROs co., Ltd. IMP2524 Datasheet HTML 5Page - A1 PROs co., Ltd. IMP2524 Datasheet HTML 6Page - A1 PROs co., Ltd. IMP2524 Datasheet HTML 7Page - A1 PROs co., Ltd. IMP2524 Datasheet HTML 8Page - A1 PROs co., Ltd. IMP2524 Datasheet HTML 9Page - A1 PROs co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
USB P
USB P oo w
w er Switc
er Switc h Pr
h Pr oduct Guide
oduct Guide
408-432-9100/www.impweb.com
© 2000 IMP, Inc.
Product Selection Guide
r
e
b
m
u
N
t
r
a
Pe
p
y
Te
g
a
k
c
a
P
"
N
O
"
h
c
t
i
w
S
e
c
n
a
t
s
i
s
e
R
e
l
b
a
n
E
c
i
g
o
L
e
g
a
t
l
o
v
r
e
d
n
U
t
u
o
k
c
o
L
t
n
e
r
r
u
C
t
i
m
i
L
l
a
m
r
e
h
T
n
w
o
d
t
u
h
Sg
a
l
F
t
l
u
a
F
M
W
B
1
-
4
2
5
2
P
M
I
d
a
u
QO
S
,
n
i
p
-
6
10
. 4
1
Ω
H
G
I
H
•
•••
M
W
B
2
-
4
2
5
2
P
M
I
d
a
u
QO
S
,
n
i
p
-
6
10
. 4
1
Ω
W
O
L
•
•••
N
B
1
-
4
2
5
2
P
M
I
d
a
u
QP
I
D
,
n
i
p
-
6
10
. 4
1
Ω
H
G
I
H
•
•••
N
B
2
-
4
2
5
2
P
M
I
d
a
u
QP
I
D
,
n
i
p
-
6
10
. 4
1
Ω
W
O
L
•
•••
M
B
1
-
A
5
2
5
2
P
M
I
e
l
g
n
i
SO
S
,
n
i
p
-
80
7
0
.
0
Ω
H
G
I
H
•
•••
M
B
2
-
A
5
2
5
2
P
M
I
e
l
g
n
i
SO
S
,
n
i
p
-
80
7
0
.
0
Ω
W
O
L
•
•••
N
B
1
-
A
5
2
5
2
P
M
I
e
l
g
n
i
SP
I
D
,
n
i
p
-
80
7
0
.
0
Ω
H
G
I
H
•
•••
N
B
2
-
A
5
2
5
2
P
M
I
e
l
g
n
i
SP
I
D
,
n
i
p
-
80
7
0
.
0
Ω
W
O
L
•
•••
M
B
1
-
5
2
5
2
P
M
I
e
l
g
n
i
SO
S
,
n
i
p
-
84
1
.
0
Ω
H
G
I
H
•
•••
M
B
2
-
5
2
5
2
P
M
I
e
l
g
n
i
SO
S
,
n
i
p
-
84
1
.
0
Ω
W
O
L
•
•••
N
B
1
-
5
2
5
2
P
M
I
e
l
g
n
i
SP
I
D
,
n
i
p
-
84
1
.
0
Ω
H
G
I
H
•
•••
N
B
2
-
5
2
5
2
P
M
I
e
l
g
n
i
SP
I
D
,
n
i
p
-
84
1
.
0
Ω
W
O
L
•
•••
M
B
1
-
6
2
5
2
P
M
I
l
a
u
DO
S
,
n
i
p
-
84
1
.
0
Ω
H
G
I
H
•
•••
M
B
2
-
6
2
5
2
P
M
I
l
a
u
DO
S
,
n
i
p
-
84
1
.
0
Ω
W
O
L
•
•••
N
B
1
-
6
2
5
2
P
M
I
l
a
u
DP
I
D
,
n
i
p
-
84
1
.
0
Ω
H
G
I
H
•
•••
N
B
2
-
6
2
5
2
P
M
I
l
a
u
DP
I
D
,
n
i
p
-
84
1
.
0
Ω
W
O
L
•
•••
M
W
B
1
-
7
2
5
2
P
M
I
d
a
u
QO
S
,
n
i
p
-
6
10
. 0
3
Ω
H
G
I
H
•
•••
M
W
B
2
-
7
2
5
2
P
M
I
d
a
u
QO
S
,
n
i
p
-
6
10
. 0
3
Ω
W
O
L
•
•••
N
B
1
-
7
2
5
2
P
M
I
d
a
u
QP
I
D
,
n
i
p
-
6
10
. 0
3
Ω
H
G
I
H
•
•••
N
B
2
-
7
2
5
2
P
M
I
d
a
u
QP
I
D
,
n
i
p
-
6
10
. 0
3
Ω
W
O
L
•
•••
1
0
L
E
S
B
S
U
All devices are pin-compatible with the MIC2525/2526 devices. Compared to the Micrel MIC2525, the enhanced IMP2525A has a 50% lower "ON"
resistance.
Product Cross Reference Guide
r
e
b
m
u
N
t
r
a
P
l
e
r
c
i
Mr
e
b
m
u
N
t
r
a
P
P
M
Ie
p
y
Te
g
a
k
c
a
Pe
c
n
a
t
s
i
s
e
R
"
N
O
"
h
c
t
i
w
S
C
I
MM
W
B
1
-
4
2
5
2
M
W
B
1
-
4
2
5
2
P
M
I
d
a
u
QO
S
,
n
i
p
-
6
10
. 4
1
Ω
C
I
MM
W
B
2
-
4
2
5
2
M
W
B
2
-
4
2
5
2
P
M
I
d
a
u
QO
S
,
n
i
p
-
6
10
. 4
1
Ω
C
I
MN
B
1
-
4
2
5
2
N
B
1
-
4
2
5
2
P
M
I
d
a
u
QP
I
D
,
n
i
p
-
6
10
. 4
1
Ω
C
I
MN
B
2
-
4
2
5
2
N
B
2
-
4
2
5
2
P
M
I
d
a
u
QP
I
D
,
n
i
p
-
6
10
. 4
1
Ω
M
B
1
-
A
5
2
5
2
C
I
M
M
B
1
-
A
5
2
5
2
P
M
I
e
l
g
n
i
SO
S
,
n
i
p
-
80
7
0
.
0
Ω
4
1
.
0
.
s
v
Ω
5
2
5
2
l
e
r
c
i
M
r
o
f
M
B
2
-
A
5
2
5
2
C
I
M
M
B
2
-
A
5
2
5
2
P
M
I
e
l
g
n
i
SO
S
,
n
i
p
-
80
7
0
.
0
Ω
4
1
.
0
.
s
v
Ω
5
2
5
2
l
e
r
c
i
M
r
o
f
N
B
1
-
A
5
2
5
2
C
I
M
N
B
1
-
A
5
2
5
2
P
M
I
e
l
g
n
i
SP
I
D
,
n
i
p
-
80
7
0
.
0
Ω
4
1
.
0
.
s
v
Ω
5
2
5
2
l
e
r
c
i
M
r
o
f
N
B
2
-
A
5
2
5
2
C
I
M
N
B
2
-
A
5
2
5
2
P
M
I
e
l
g
n
i
SP
I
D
,
n
i
p
-
80
7
0
.
0
Ω
4
1
.
0
.
s
v
Ω
5
2
5
2
l
e
r
c
i
M
r
o
f
M
B
1
-
5
2
5
2
C
I
M
M
B
1
-
5
2
5
2
P
M
I
e
l
g
n
i
SO
S
,
n
i
p
-
84
1
.
0
Ω
M
B
2
-
5
2
5
2
C
I
M
M
B
2
-
5
2
5
2
P
M
I
e
l
g
n
i
SO
S
,
n
i
p
-
84
1
.
0
Ω
N
B
1
-
5
2
5
2
C
I
M
N
B
1
-
5
2
5
2
P
M
I
e
l
g
n
i
SP
I
D
,
n
i
p
-
84
1
.
0
Ω
N
B
2
-
5
2
5
2
C
I
M
N
B
2
-
5
2
5
2
P
M
I
e
l
g
n
i
SP
I
D
,
n
i
p
-
84
1
.
0
Ω
M
B
1
-
6
2
5
2
C
I
M
M
B
1
-
6
2
5
2
P
M
I
l
a
u
DO
S
,
n
i
p
-
84
1
.
0
Ω
M
B
2
-
6
2
5
2
C
I
M
M
B
2
-
6
2
5
2
P
M
I
l
a
u
DO
S
,
n
i
p
-
84
1
.
0
Ω
N
B
1
-
6
2
5
2
C
I
M
N
B
1
-
6
2
5
2
P
M
I
l
a
u
DP
I
D
,
n
i
p
-
84
1
.
0
Ω
N
B
2
-
6
2
5
2
C
I
M
N
B
2
-
6
2
5
2
P
M
I
l
a
u
DP
I
D
,
n
i
p
-
84
1
.
0
Ω
M
W
B
1
-
7
2
5
2
C
I
M
M
W
B
1
-
7
2
5
2
P
M
I
d
a
u
QO
S
,
n
i
p
-
6
10
. 0
3
Ω
M
W
B
2
-
7
2
5
2
C
I
M
M
W
B
2
-
7
2
5
2
P
M
I
d
a
u
QO
S
,
n
i
p
-
6
10
. 0
3
Ω
N
B
1
-
7
2
5
2
C
I
M
N
B
1
-
7
2
5
2
P
M
I
d
a
u
QP
I
D
,
n
i
p
-
6
10
. 0
3
Ω
N
B
2
-
7
2
5
2
C
I
M
N
B
2
-
7
2
5
2
P
M
I
d
a
u
QP
I
D
,
n
i
p
-
6
10
. 0
3
Ω
2
0
f
e
r
X
B
S
U



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com