Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMP8980DP/T Datasheet(PDF) 7 Page - A1 PROs co., Ltd.

Part # IMP8980DP/T
Description  PCM Digital Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

IMP8980DP/T Datasheet(HTML) 7 Page - A1 PROs co., Ltd.

Back Button IMP8980DP/T Datasheet HTML 3Page - A1 PROs co., Ltd. IMP8980DP/T Datasheet HTML 4Page - A1 PROs co., Ltd. IMP8980DP/T Datasheet HTML 5Page - A1 PROs co., Ltd. IMP8980DP/T Datasheet HTML 6Page - A1 PROs co., Ltd. IMP8980DP/T Datasheet HTML 7Page - A1 PROs co., Ltd. IMP8980DP/T Datasheet HTML 8Page - A1 PROs co., Ltd. IMP8980DP/T Datasheet HTML 9Page - A1 PROs co., Ltd. IMP8980DP/T Datasheet HTML 10Page - A1 PROs co., Ltd. IMP8980DP/T Datasheet HTML 11Page - A1 PROs co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
Figure 10 Application Circuit
MEK6802D3
System
IMP
8980
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
CSTo
ODE
STo0
STo1
STo2
STo3
STo4
STo5
STo6
SRo7
VSS
D0
D1
D2
D3
D4
D5
D6
D7
CS
DTA
STi0
STi1
STi2
STi3
STi4
STi5
STi6
STi7
VDD
F0i
C4i
A0
A1
A2
A3
A4
A5
ADS
R/W
D7-D0
A15-A0
R/W
MR
VMA
E
A15
A14
A13
0V
0V
VMA
0V
5V
5V
5V
MD
74
HCT
138
MD
74
HCT
138
MD
74
HCT
138
5V
MD
74
HCT
138
A12
A11
A10
0V
0V
0V
A9
A8
A7
0V
0V
0V
A6
VMA
0V
0V
0V
0V
MD
74
HCT
240
DTA
CS
0V
C4i
0V
F0i
0V
0V
5V
0V
MR
5V
5V
5V
510
Ω
100pF
1
2
3
4
5
6
7
8
1
2
3
4
5
6
7
8
1
2
3
4
5
6
7
8
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
16
15
14
13
12
11
10
9
4MHz
2M
Ω
16
15
14
13
12
11
10
9
16
15
14
13
12
11
10
9
909
Ω
1/4W
5V
0V
5V
SN
74
HCT
393
1
2
3
4
5
6
7
14
13
12
11
10
9
8
5V
0V
0V
0V
0V
0V
SN
74
HCT
393
1
2
3
4
5
6
7
14
13
12
11
10
9
8
C4i
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com