Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPA240B Datasheet(PDF) 1 Page - Excelics Semiconductor, Inc.

Part # EPA240B
Description  High Efficiency Heterojunction Power FET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.

EPA240B Datasheet(HTML) 1 Page - Excelics Semiconductor, Inc.

  EPA240B Datasheet HTML 1Page - Excelics Semiconductor, Inc. EPA240B Datasheet HTML 2Page - Excelics Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
960
50
350
50
120
48
100
95
40
156
D
DD
D
G
GG
G
Excelics
EPA240B/EPA240BV
DATA SHEET
High Efficiency Heterojunction Power FET
•
+32.5dBm TYPICAL OUTPUT POWER
•
8.0dB TYPICAL POWER GAIN FOR EPA240B AND
9.5dB FOR EPA240BV AT 18GHz
•
0.3 X 2400 MICRON RECESSED “MUSHROOM” GATE
•
Si3N4 PASSIVATION
•
ADVANCED EPITAXIAL DOPING PROFILE
PROVIDES HIGH POWER EFFICIENCY,
LINEARITY AND RELIABILITY
•
EPA240BV WITH VIA HOLE SOURCE GROUNDING
•
Idss SORTED IN 60mA PER BIN RANGE
ELECTRICAL CHARACTERISTICS (Ta = 25
OC)
SYMBOLS
PARAMETERS/TEST CONDITIONS
EPA240B
EPA240BV
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
P1dB
Output Power at 1dB Compression
f=12GHz
Vds=8V, Ids=50% Idss
f=18GHz
31.0
32.5
32.5
31.0
32.5
32.5
dBm
G1dB
Gain at 1dB Compression
f=12GHz
Vds=8V, Ids=50% Idss
f=18GHz
9.0
10.5
8.0
10.5
12.0
9.5
dB
PAE
Gain at 1dB Compression
Vds=8V, Ids=50% Idss
f=12GHz
44
45
%
Idss
Saturated Drain Current
Vds=3V, Vgs=0V
440
720
940
440
720
940
mA
Gm
Transconductance
Vds=3V, Vgs=0V
480
760
480
760
mS
Vp
Pinch-off Voltage
Vds=3V, Ids=6mA
-1.0
-2.5
-1.0
-2.5
V
BVgd
Drain Breakdown Voltage Igd=2.4 mA
-11
-15
-11
-15
V
BVgs
Source Breakdown Voltage Igs=2.4mA
-7
-14
-7
-14
V
Rth
Thermal Resistance (Au-Sn Eutectic Attach)
20
15
oC/W
MAXIMUM RATINGS AT 25
OC
SYMBOLS
PARAMETERS
EPA240B
EPA240BV
ABSOLUTE
1
CONTINUOUS
2
ABSOLUTE
1
CONTINUOUS
2
Vds
Drain-Source Voltage
12V
8V
12V
8V
Vgs
Gate-Source Voltage
-8V
-3V
-8V
-3V
Ids
Drain Current
Idss
710mA
Idss
Idss
Igsf
Forward Gate Current
120mA
20mA
120mA
20mA
Pin
Input Power
30dBm
@ 3dB
Compression
30dBm
@ 3dB
Compression
Tch
Channel Temperature
175
oC
150
oC
175
oC
150
oC
Tstg
Storage Temperature
-65/175
oC
-65/150
oC
-65/175
oC
-65/150
oC
Pt
Total Power Dissipation
6.8W
5.7W
9.1W
7.6W
Note: 1. Exceeding any of the above ratings may result in permanent damage.
2. Exceeding any of the above ratings may reduce MTTF below design goals.
Excelics Semiconductor, Inc., 2908 Scott Blvd., Santa Clara, CA 95054
Phone: (408) 970-8664 Fax: (408) 970-8998 Web Site: www.excelics.com
Chip Thickness: 75
± 20 microns
All Dimensions In Microns
: Via Hole
No Via Hole For EPA240B


Similar Part No. - EPA240B

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EPA240B-100P EXCELICS-EPA240B-100P Datasheet
44Kb / 1P
High Efficiency Heterojunction Power FET
More results

Similar Description - EPA240B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EPA090A ETC-EPA090A Datasheet
41Kb / 2P
High Efficiency Heterojunction Power FET
EPA040A-70 ETC1-EPA040A-70 Datasheet
23Kb / 2P
High Efficiency Heterojunction Power FET
logo
Excelics Semiconductor,...
EPA030C-70 EXCELICS-EPA030C-70 Datasheet
86Kb / 1P
High Efficiency Heterojunction Power FET
EPA030C EXCELICS-EPA030C Datasheet
99Kb / 2P
High Efficiency Heterojunction Power FET
EPA240B-100P EXCELICS-EPA240B-100P Datasheet
44Kb / 1P
High Efficiency Heterojunction Power FET
EPA240D-CP083 EXCELICS-EPA240D-CP083 Datasheet
40Kb / 1P
High Efficiency Heterojunction Power FET
EPA025A EXCELICS-EPA025A Datasheet
48Kb / 3P
High Efficiency Heterojunction Power FET
EPA080A-70 EXCELICS-EPA080A-70 Datasheet
23Kb / 2P
High Efficiency Heterojunction Power FET
EPA120E EXCELICS-EPA120E Datasheet
58Kb / 2P
High Efficiency Heterojunction Power FET
EPA480C EXCELICS-EPA480C Datasheet
28Kb / 2P
High Efficiency Heterojunction Power FET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com