Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC15AC Datasheet(PDF) 3 Page - Sensortechnics GmbH

Part # CPC15AC
Description  Precision compensated pressure sensors / mV-output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

CPC15AC Datasheet(HTML) 3 Page - Sensortechnics GmbH

  CPC15AC Datasheet HTML 1Page - Sensortechnics GmbH CPC15AC Datasheet HTML 2Page - Sensortechnics GmbH CPC15AC Datasheet HTML 3Page - Sensortechnics GmbH CPC15AC Datasheet HTML 4Page - Sensortechnics GmbH CPC15AC Datasheet HTML 5Page - Sensortechnics GmbH CPC15AC Datasheet HTML 6Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3/6
June 2008 / 613
www.sensortechnics.com
CPC / CPCL Series C-grade
Precision compensated pressure sensors / mV-output
PERFORMANCE CHARACTERISTICS
V
S = 12 V, TA = 25°C, pressure applied to port P1
Notes
1
Proof pressure is the maximum pressure which may be applied without causing durable shifts of the electrical parameters of the sensing element.
2
Burst pressure is the maximum pressure which may be applied without causing damage to the sensing element or leaks from the housing.
3
Full scale span is the algebraic difference between the output voltage at full-scale pressure and the output at zero pressure.
The span is ratiometric to the supply voltage.
4
Non-linearity refers to the Best Straight Line fit measured for offset pressure, full-scale pressure and ½ full-scale pressure.
5
Shift is relative to 25°C. The CPCL04... has a compensated temperature range from 0 to 50°C.
6
This is the common-mode voltage of the output arms (pins 2 and 4) for V
S = 12 V.
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Mt
i
n
U
t
e
s
f
f
o
e
r
u
s
s
e
r
p
o
r
e
Z0
.
1
-0
0
.
1
+V
m
s
i
s
e
r
e
t
s
y
h
d
n
a
y
t
i
r
a
e
n
il
-
n
o
n
d
e
n
i
b
m
o
C
4
5
2
.
0
±0
.
1
±
S
S
F
%
)
C
°
0
7
o
t
0
(
s
t
c
e
f
f
e
e
r
u
t
a
r
e
p
m
e
T
5
n
a
p
S0
.
2
±
t
e
s
f
f
O0
.
1
±V
m
e
c
n
a
t
s
i
s
e
r
t
u
p
n
I5
k
Ω
e
c
n
a
t
s
i
s
e
r
t
u
p
t
u
O
3
)
S
S
F
%
0
9
o
t
0
1
(
e
m
i
t
e
s
n
o
p
s
e
R.
.
.
L
C
P
C0
0
5
s
µ
.
.
.
C
P
C0
0
1
e
g
a
t
l
o
v
e
d
o
m
n
o
m
m
o
C
6
6V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com