Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSDX2000A2R Datasheet(PDF) 1 Page - Sensortechnics GmbH

Part # CSDX2000A2R
Description  Digital pressure transducers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

CSDX2000A2R Datasheet(HTML) 1 Page - Sensortechnics GmbH

  CSDX2000A2R Datasheet HTML 1Page - Sensortechnics GmbH CSDX2000A2R Datasheet HTML 2Page - Sensortechnics GmbH CSDX2000A2R Datasheet HTML 3Page - Sensortechnics GmbH CSDX2000A2R Datasheet HTML 4Page - Sensortechnics GmbH CSDX2000A2R Datasheet HTML 5Page - Sensortechnics GmbH CSDX2000A2R Datasheet HTML 6Page - Sensortechnics GmbH CSDX2000A2R Datasheet HTML 7Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
CSDX Series
Digital pressure transducers
1/7
February 2009 / 632
www.sensortechnics.com
FEATURES
· 0...25 mbar to 0...5 bar,
0...±10 mbar to 0...±1 bar,
barometric range 800...1100 mbar
· Absolute, gage or differential pressure
· Digital readout via I2C-bus
· Precision ASIC conditioning
· Temperature compensated
· Non-ratiometric output
· Total accuracy ±0.5 to ±1.0 %FSS
SPECIFICATIONS
Maximum ratings
Supply voltage V
S
4.75 V to 5.25 V
DC
max. 6.50 V
DC
Lead temperature (2 - 4 sec.)
250°C
Temperature ranges
Compensated
0 to +85°C
Operating
-20 to +105°C
Storage
-40 to +125°C
Vibration
10 g at 20 - 2000 Hz
Shock
100 g for 11 ms
ELECTRICAL CONNECTION
Caution! The sensor is not reverse polarity protected.
Incorrect applications of excitation
voltage or ground to the wrong pin can
cause electrical failure.
Application of supply voltage above the
maximum can cause electrical failure.
Note:
A capacitor of 220 nF is required
between +Vs and GND.
Pin 2 is an internal device connection and
should be connected to ground with a
15 nF capacitor.
It is important to place the capacitors as
close to the pins as possible!
Pins 4, 6 and 8 are internal device
connections and should not be
connected for any reason!
GND
5
7
2
8 4
3
6
220 nF
15 nF
N/C
N/C
1
CSDX
SDA
SCL
+Vs
IC


Similar Part No. - CSDX2000A2R

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CSDXXX60 CREE-CSDXXX60 Datasheet
2Mb / 19P
Introducing SiC Schottky Diode
More results

Similar Description - CSDX2000A2R

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
DSDX015A2R SENSORTECHNICS-DSDX015A2R Datasheet
83Kb / 8P
Digital pressure transducers
DSDX015A2R-A SENSORTECHNICS-DSDX015A2R-A Datasheet
111Kb / 7P
Digital pressure transducers
DSDXL005D4D SENSORTECHNICS-DSDXL005D4D Datasheet
67Kb / 6P
Digital pressure transducers
logo
Copal Electronics
P-2000 COPAL-P-2000 Datasheet
75Kb / 3P
PRESSURE TRANSDUCERS
P-3000S COPAL-P-3000S Datasheet
84Kb / 3P
PRESSURE TRANSDUCERS
P-8300 COPAL-P-8300 Datasheet
78Kb / 3P
PRESSURE TRANSDUCERS
P-8305 COPAL-P-8305 Datasheet
78Kb / 3P
PRESSURE TRANSDUCERS
P-8505 COPAL-P-8505 Datasheet
73Kb / 3P
PRESSURE TRANSDUCERS
PA-838-D COPAL-PA-838-D Datasheet
1,007Kb / 4P
Pressure Transducers
PA-858 COPAL-PA-858 Datasheet
628Kb / 3P
PRESSURE TRANSDUCERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com