Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPB018A5 Datasheet(PDF) 2 Page - Excelics Semiconductor, Inc.

Part # EPB018A5
Description  Super Low Noise High Gain Heterojunction FET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.

EPB018A5 Datasheet(HTML) 2 Page - Excelics Semiconductor, Inc.

  EPB018A5 Datasheet HTML 1Page - Excelics Semiconductor, Inc. EPB018A5 Datasheet HTML 2Page - Excelics Semiconductor, Inc. EPB018A5 Datasheet HTML 3Page - Excelics Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Excelics
EPB018A5/A7/A9
DATA SHEET
Super Low Noise High Gain Heterojunction FET
EPB018A5
S-PARAMETERS
2V, 15mA
FREQ
--- S11 ---
--- S21 ---
--- S12 ---
--- S22 ---
(GHz)
MAG
ANG
MAG
ANG
MAG ANG
MAG
ANG
1.0
0.987
-12.7
6.651
169.6
0.019
81.2
0.504
-9.6
2.0
0.972
-25.2
6.514
160.5
0.038
73.7
0.497
-19.6
3.0
0.954
-38.0
6.378
151.5
0.054
66.6
0.482
-30.0
4.0
0.930
-50.6
6.163
142.4
0.069
59.5
0.462
-39.9
5.0
0.900
-64.2
5.929
133.0
0.083
51.9
0.428
-50.9
6.0
0.876
-76.5
5.630
124.6
0.094
44.9
0.403
-60.5
7.0
0.854
-87.9
5.303
116.7
0.103
38.5
0.378
-70.2
8.0
0.832
-98.6
4.993
109.3
0.110
32.8
0.353
-79.3
9.0
0.815 -108.2
4.681
102.6
0.115
27.2
0.332
-87.9
10.0
0.800 -116.8
4.409
96.5
0.119
22.3
0.313
-95.8
11.0
0.788 -124.4
4.168
90.7
0.123
17.9
0.298 -103.5
12.0
0.779 -131.3
3.959
85.3
0.127
13.7
0.286 -111.2
13.0
0.767 -138.7
3.779
79.9
0.131
9.5
0.277 -118.8
14.0
0.759 -146.1
3.631
74.5
0.135
5.3
0.269 -126.9
15.0
0.747 -153.4
3.487
69.1
0.138
1.0
0.262 -135.2
16.0
0.742 -161.8
3.377
63.1
0.142
-3.3
0.259 -144.5
17.0
0.736 -171.4
3.222
56.8
0.144
-8.1
0.258 -155.7
18.0
0.737
179.0
3.077
50.5
0.146 -12.7
0.254 -166.7
19.0
0.741
170.3
2.899
44.7
0.146 -16.8
0.252 -178.0
20.0
0.746
162.9
2.727
38.9
0.145 -20.5
0.253
172.6
21.0
0.755
156.4
2.483
34.1
0.140 -24.0
0.278
164.1
22.0
0.766
149.9
2.324
29.5
0.136 -26.7
0.284
157.1
23.0
0.773
144.6
2.175
24.9
0.134 -29.4
0.285
150.8
24.0
0.783
141.4
2.060
21.1
0.132 -31.2
0.294
145.9
25.0
0.787
139.2
1.965
17.3
0.133 -32.9
0.300
140.6
26.0
0.784
136.5
1.908
13.7
0.129 -34.2
0.309
137.1
27.0
0.784
134.8
1.828
10.2
0.133 -36.7
0.317
133.4
28.0
0.775
133.2
1.771
7.3
0.130 -38.2
0.321
130.8
29.0
0.772
131.3
1.734
3.5
0.133 -40.0
0.337
128.2
30.0
0.764
129.9
1.695
0.1
0.132 -42.5
0.343
124.5
31.0
0.755
126.3
1.655
-3.9
0.130 -45.6
0.362
121.5
32.0
0.753
122.3
1.607
-7.9
0.130 -48.8
0.376
118.2
33.0
0.740
117.6
1.530
-12.0
0.128 -52.3
0.398
116.5
34.0
0.743
113.3
1.463
-15.7
0.127 -56.3
0.416
113.3
35.0
0.752
107.4
1.404
-19.5
0.125 -60.9
0.437
111.1
36.0
0.779
101.2
1.356
-23.1
0.126 -64.7
0.455
108.0
37.0
0.814
95.0
1.293
-26.9
0.124 -72.7
0.474
105.5
38.0
0.850
90.5
1.228
-30.9
0.124 -77.6
0.490
100.6
39.0
0.872
86.8
1.155
-35.2
0.118 -83.1
0.496
97.5
40.0
0.880
84.0
1.078
-39.5
0.117 -87.9
0.498
94.1
Note:
The data included 0.7 mils diameter Au bonding wires:
1 gate wire, 15 mils each; 1 drain wire, 20 mils each; 6 source wires, 8 mils each.
EPB018A7
S-PARAMETERS
2V, 15mA
FREQ
--- S11 ---
--- S21 ---
--- S12 ---
--- S22 ---
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
1.0
0.987
-13.3
6.211
169.5
0.021
80.6
0.675
-8.0
2.0
0.972
-26.3
6.132
159.7
0.041
73.0
0.661
-16.1
3.0
0.951
-41.2
5.989
149.8
0.060
65.6
0.638
-25.5
4.0
0.931
-55.4
5.766
139.8
0.076
56.3
0.599
-34.0
5.0
0.905
-70.2
5.504
129.7
0.091
48.5
0.550
-42.9
6.0
0.880
-83.1
5.156
120.6
0.101
40.9
0.501
-51.0
7.0
0.860
-94.9
4.793
112.3
0.110
34.3
0.456
-58.2
8.0
0.840 -106.1
4.460
104.8
0.116
28.3
0.425
-64.8
9.0
0.819 -115.6
4.151
98.2
0.120
22.5
0.400
-70.4
10.0
0.802 -123.8
3.878
92.2
0.123
18.2
0.381
-75.4
11.0
0.784 -131.7
3.667
86.5
0.128
14.1
0.372
-79.9
12.0
0.768 -139.7
3.492
81.1
0.131
10.1
0.366
-83.5
13.0
0.757 -147.5
3.344
75.8
0.135
5.9
0.359
-87.4
14.0
0.744 -154.7
3.243
70.3
0.141
1.7
0.343
-92.4
15.0
0.736 -162.2
3.142
64.6
0.145
-2.8
0.319
-98.1
16.0
0.735 -172.3
3.043
57.8
0.149
-7.4
0.296 -105.3
17.0
0.736
176.7
2.896
51.0
0.151
-12.9
0.271 -113.2
18.0
0.750
168.0
2.762
44.3
0.153
-17.5
0.235 -125.2
19.0
0.766
162.6
2.605
38.3
0.152
-21.7
0.197 -143.1
20.0
0.776
158.2
2.436
32.2
0.151
-25.6
0.172 -164.5
21.0
0.790
149.4
2.161
27.0
0.142
-28.9
0.197 -172.1
22.0
0.807
145.4
2.010
22.4
0.136
-31.8
0.201
180.0
23.0
0.811
141.8
1.880
18.4
0.133
-33.8
0.214
174.3
24.0
0.816
139.4
1.763
14.7
0.130
-35.5
0.223
168.3
25.0
0.822
138.3
1.681
11.7
0.128
-36.3
0.226
165.9
26.0
0.822
137.0
1.618
8.8
0.127
-37.5
0.238
166.1
27.0
0.809
136.1
1.586
5.8
0.128
-39.5
0.254
165.4
28.0
0.801
134.3
1.571
2.4
0.130
-39.8
0.270
165.8
29.0
0.776
131.3
1.548
-0.9
0.130
-41.5
0.270
163.4
30.0
0.772
125.8
1.541
-5.3
0.134
-44.9
0.276
163.8
31.0
0.746
119.2
1.530
-11.0
0.134
-49.3
0.295
160.6
32.0
0.716
111.1
1.487
-17.0
0.133
-54.6
0.307
155.5
33.0
0.696
100.1
1.419
-22.8
0.131
-61.3
0.308
150.4
34.0
0.707
90.2
1.348
-28.4
0.130
-67.6
0.315
143.9
35.0
0.734
82.8
1.273
-33.3
0.126
-74.0
0.334
135.6
36.0
0.777
76.6
1.188
-37.8
0.119
-79.8
0.348
127.1
37.0
0.836
72.4
1.108
-42.4
0.123
-86.0
0.365
120.4
38.0
0.884
70.6
1.030
-46.5
0.116
-93.0
0.377
112.8
39.0
0.925
71.2
0.945
-50.5
0.112
-99.2
0.394
105.8
40 0
0 932
74 1
0 863
-54 6
0 107 -103 4
0 417
100 8



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com