Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSDX0100G2R Datasheet(PDF) 5 Page - Sensortechnics GmbH

Part # CSDX0100G2R
Description  Digital pressure transducers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

CSDX0100G2R Datasheet(HTML) 5 Page - Sensortechnics GmbH

  CSDX0100G2R Datasheet HTML 1Page - Sensortechnics GmbH CSDX0100G2R Datasheet HTML 2Page - Sensortechnics GmbH CSDX0100G2R Datasheet HTML 3Page - Sensortechnics GmbH CSDX0100G2R Datasheet HTML 4Page - Sensortechnics GmbH CSDX0100G2R Datasheet HTML 5Page - Sensortechnics GmbH CSDX0100G2R Datasheet HTML 6Page - Sensortechnics GmbH CSDX0100G2R Datasheet HTML 7Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
CSDX Series
Digital pressure transducers
5/7
February 2009 / 632
www.sensortechnics.com
I2C INTERFACE PARAMETERS
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C.
n
i
M.
p
y
T.
x
a
Mt
i
n
U
l
e
v
e
l
h
g
i
h
t
u
p
n
I
0
90
0
1
f
o
%
s
V
l
e
v
e
l
w
o
l
t
u
p
n
I
00
1
l
e
v
e
l
w
o
l
t
u
p
t
u
O)
A
m
4
-
=
L
O
I
,
n
i
a
r
d
n
e
p
o
(0
1
t
n
e
r
r
u
c
p
u
ll
u
P)
A
D
S
d
n
a
L
C
S
s
n
i
p
(5
0
2A
µ
A
D
S
e
c
n
a
t
i
c
a
p
a
c
d
a
o
L
0
0
4F
p
y
c
n
e
u
q
e
r
f
k
c
o
l
c
L
C
S
F
L
C
S
-
-
-0
0
1z
H
k
n
e
e
w
t
e
b
e
m
i
t
e
e
r
f
s
u
B
n
o
i
t
i
d
n
o
c
T
R
A
T
S
d
n
a
P
O
T
S
t
F
U
B
7
.
4s
µ
)
d
e
t
a
e
p
e
r
(
e
m
i
t
d
l
o
H
n
o
i
t
i
d
n
o
c
T
R
A
T
S
t
A
T
S
;
D
H
e
s
l
u
p
k
c
o
l
c
t
s
r
i
f
o
t0
.
4s
µ
L
C
S
f
o
d
o
i
r
e
p
W
O
L
t
W
O
L
7
.
4s
µ
L
C
S
f
o
d
o
i
r
e
p
H
G
I
H
t
H
G
I
H
0
.
4s
µ
d
e
t
a
e
p
e
r
e
m
i
t
p
u
t
e
S
n
o
i
t
i
d
n
o
c
T
R
A
T
S
t
A
T
S
;
U
S
7
.
4s
µ
e
m
i
t
d
l
o
h
a
t
a
D
t
T
A
D
;
D
H
0s
n
e
m
i
t
p
u
t
e
s
a
t
a
D
t
T
A
D
;
U
S
0
5
2s
n
h
t
o
b
f
o
e
m
i
t
e
s
i
R
L
C
S
d
n
a
A
D
S
t
R
-
-
-0
0
3s
n
h
t
o
b
f
o
e
m
i
t
ll
a
F
L
C
S
d
n
a
A
D
S
t
F
-
-
-0
0
3s
n
r
o
f
e
m
i
t
p
u
t
e
S
n
o
i
t
i
d
n
o
c
P
O
T
S
t
O
T
S
;
U
S
4s
µ
e
k
i
p
s
r
e
t
l
i
f
t
u
p
n
I
n
o
i
s
s
e
r
p
p
u
s
t
P
S
f
o
L
C
S
r
o
A
D
S
n
o
s
e
k
i
p
s
d
e
s
s
e
r
p
p
u
s
e
r
a
h
t
g
n
e
l
t
a
h
t
0
5s
n
FIGURE II: Timing characteristics of the I²C interface
tHD;STA
tSU;DAT
tHD;DAT
tSU;STA
tR
tF
SCL
SDA
tHIGH
tLOW
tSU;STO
tBUF
tHD;STA
SDA
SCL



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com