Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSDX0250G2R Datasheet(PDF) 3 Page - Sensortechnics GmbH

Part # CSDX0250G2R
Description  Digital pressure transducers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

CSDX0250G2R Datasheet(HTML) 3 Page - Sensortechnics GmbH

  CSDX0250G2R Datasheet HTML 1Page - Sensortechnics GmbH CSDX0250G2R Datasheet HTML 2Page - Sensortechnics GmbH CSDX0250G2R Datasheet HTML 3Page - Sensortechnics GmbH CSDX0250G2R Datasheet HTML 4Page - Sensortechnics GmbH CSDX0250G2R Datasheet HTML 5Page - Sensortechnics GmbH CSDX0250G2R Datasheet HTML 6Page - Sensortechnics GmbH CSDX0250G2R Datasheet HTML 7Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CSDX Series
Digital pressure transducers
3/7
February 2009 / 632
www.sensortechnics.com
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Ms
t
i
n
U
t
e
s
f
f
o
e
r
u
s
s
e
r
p
o
r
e
Z.
.
.
0
1
0
0
X
D
S
C
.
.
.
5
2
0
0
X
D
S
C
.
.
.
0
5
0
0
X
D
S
C
8
6
9
10
0
0
22
3
0
2
s
t
n
u
o
c
s
r
e
h
t
o
ll
a4
8
9
10
0
0
26
1
0
2
)
S
S
F
(
n
a
p
s
e
l
a
c
s
ll
u
F
2
0
0
2
3
t
u
p
t
u
Oe
r
u
s
s
e
r
p
d
e
i
f
i
c
e
p
s
.
x
a
m
t
a.
.
.
0
1
0
0
X
D
S
C
.
.
.
5
2
0
0
X
D
S
C
.
.
.
0
5
0
0
X
D
S
C
8
6
5
30
0
6
32
3
6
3
s
r
e
h
t
o
ll
a4
8
5
30
0
6
36
1
6
3
e
r
u
s
s
e
r
p
d
e
i
f
i
c
e
p
s
.
n
i
m
t
a.
.
.
0
1
0
0
X
D
S
C
.
.
.
5
2
0
0
X
D
S
C
.
.
.
0
5
0
0
X
D
S
C
8
6
30
0
42
3
4
s
r
e
h
t
o
ll
a4
8
30
0
46
1
4
)
C
°
5
8
o
t
0
(
y
c
a
r
u
c
c
a
l
a
t
o
T
3
.
.
.
0
1
0
0
X
D
S
C
.
.
.
5
2
0
0
X
D
S
C
.
.
.
0
5
0
0
X
D
S
C
0
.
1
±
S
S
F
%
s
r
e
h
t
o
ll
a5
.
0
±
e
t
a
r
e
l
p
m
a
S0
0
1z
H
y
a
l
e
d
e
s
n
o
p
s
e
R
4
3
7
.
21
1
.
4
1
s
m
)
t
l
u
s
e
r
t
s
1
o
t
p
u
r
e
w
o
p
(
e
m
i
t
p
u
t
r
a
t
S
0
4
p
e
t
s
n
o
i
t
a
z
i
t
n
a
u
Q
5
2s
t
n
u
o
c
n
o
i
t
p
m
u
s
n
o
c
t
n
e
r
r
u
C
6A
m
All CSDX...R and CSDX0811BARO
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Ms
t
i
n
U
e
r
u
s
s
e
r
p
d
e
i
f
i
c
e
p
s
t
s
e
w
o
l
t
a
t
e
s
f
f
O.
.
.
5
2
0
0
X
D
S
C
.
.
.
0
5
0
0
X
D
S
C
O
R
A
B
1
1
8
0
X
D
S
C
8
6
30
0
42
3
4
s
t
n
u
o
c
s
r
e
h
t
o
ll
a4
8
30
0
46
1
4
)
S
S
F
(
n
a
p
s
e
l
a
c
s
ll
u
F
2
0
0
2
3
t
u
p
t
u
o
e
l
a
c
s
ll
u
F.
.
.
5
2
0
0
X
D
S
C
.
.
.
0
5
0
0
X
D
S
C
O
R
A
B
1
1
8
0
X
D
S
C
8
6
5
30
0
6
32
3
6
3
s
r
e
h
t
o
ll
a4
8
5
30
0
6
36
1
6
3
)
C
°
5
8
o
t
0
(
y
c
a
r
u
c
c
a
l
a
t
o
T
3
.
.
.
5
2
0
0
X
D
S
C
.
.
.
0
5
0
0
X
D
S
C
O
R
A
B
1
1
8
0
X
D
S
C
0
.
1
±
S
S
F
%
s
r
e
h
t
o
ll
a5
.
0
±
e
t
a
r
e
l
p
m
a
S0
0
1z
H
y
a
l
e
d
e
s
n
o
p
s
e
R
4
3
7
.
21
1
.
4
1
s
m
)
t
l
u
s
e
r
t
s
1
o
t
p
u
r
e
w
o
p
(
e
m
i
t
p
u
t
r
a
t
S
0
4
p
e
t
s
n
o
i
t
a
z
i
t
n
a
u
Q
5
O
R
A
B
1
1
8
0
X
D
S
C4
s
t
n
u
o
c
s
r
e
h
t
o
ll
a2
n
o
i
t
p
m
u
s
n
o
c
t
n
e
r
r
u
C
6A
m
All CSDX...D
PERFORMANCE CHARACTERISTICS
The output signal is not ratiometric to the supply voltage (V
S = 5.0 VDC, TA = 25°C)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com