Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC0.3GC Datasheet(PDF) 4 Page - Sensortechnics GmbH

Part # CPC0.3GC
Description  Precision compensated pressure sensors / mV-output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

CPC0.3GC Datasheet(HTML) 4 Page - Sensortechnics GmbH

  CPC0.3GC Datasheet HTML 1Page - Sensortechnics GmbH CPC0.3GC Datasheet HTML 2Page - Sensortechnics GmbH CPC0.3GC Datasheet HTML 3Page - Sensortechnics GmbH CPC0.3GC Datasheet HTML 4Page - Sensortechnics GmbH CPC0.3GC Datasheet HTML 5Page - Sensortechnics GmbH CPC0.3GC Datasheet HTML 6Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4/6
June 2008 / 613
www.sensortechnics.com
CPC / CPCL Series C-grade
Precision compensated pressure sensors / mV-output
Package version G and A
(no port)
Package version GF and AF
OUTLINE DRAWING
Vent hole (P2)
(G version only)
P1
6.1
(0.24)
1.1
(0.04)
5.8
(0.23)
2.5
(0.10)
0.5
(0.02)
0.3
(0.01)
15.5
(0.61)
9.9
(0.39)
4.1
(0.16)
0.6
(0.03)
2.8
(0.11)
7.4
(0.29)
7.6
(0.30)
8.9
(0.35)
9.9
(0.39)
1
2
3
4
DIA 0.8
(0.03)
P1
Vent hole (P2)
(GF version only)
6.1
(0.24)
2.5
(0.10)
1.1
(0.04)
0.3
(0.01)
0.5
(0.02)
15.5
(0.61)
9.9
(0.39)
4.1
(0.16)
2.8
(0.11)
0.6
(0.03)
9.9
(0.39)
7.6
(0.30)
5.8
(0.23)
7.4
(0.29)
8.9
(0.35)
10.4
(0.41)
DIA 3.8
(0.15)
1
2
3
4
DIA 4.8
(0.19)
DIA 2.0
(0.08)
mass: approx. 2 g
dimensions in mm (inches)
mass: approx. 2 g
dimensions in mm (inches)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com