Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSDX0500G2R Datasheet(PDF) 7 Page - Sensortechnics GmbH

Part # CSDX0500G2R
Description  Digital pressure transducers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

CSDX0500G2R Datasheet(HTML) 7 Page - Sensortechnics GmbH

  CSDX0500G2R Datasheet HTML 1Page - Sensortechnics GmbH CSDX0500G2R Datasheet HTML 2Page - Sensortechnics GmbH CSDX0500G2R Datasheet HTML 3Page - Sensortechnics GmbH CSDX0500G2R Datasheet HTML 4Page - Sensortechnics GmbH CSDX0500G2R Datasheet HTML 5Page - Sensortechnics GmbH CSDX0500G2R Datasheet HTML 6Page - Sensortechnics GmbH CSDX0500G2R Datasheet HTML 7Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
CSDX Series
Digital pressure transducers
7/7
February 2009 / 632
www.sensortechnics.com
ORDERING INFORMATION
ELECTRICAL CONNECTIONS
CSDX...D4...
CSDX...G2R
e
g
n
a
r
e
r
u
s
s
e
r
Pe
t
u
l
o
s
b
Ae
g
a
Ge
g
a
G
/
l
a
i
t
n
e
r
e
f
f
i
D
r
a
b
m
5
2
o
t
0-
R
4
D
5
2
0
0
X
D
S
C
r
a
b
m
0
5
o
t
0R
2
G
0
5
0
0
X
D
S
CR
4
D
0
5
0
0
X
D
S
C
r
a
b
m
0
0
1
o
t
0R
2
G
0
0
1
0
X
D
S
CR
4
D
0
0
1
0
X
D
S
C
r
a
b
m
0
5
2
o
t
0R
2
G
0
5
2
0
X
D
S
CR
4
D
0
5
2
0
X
D
S
C
r
a
b
m
0
0
5
o
t
0R
2
G
0
0
5
0
X
D
S
CR
4
D
0
0
5
0
X
D
S
C
r
a
b
m
0
0
1
1
o
t
0
0
8O
R
A
B
1
1
8
0
X
D
S
C-
-
r
a
b
1
o
t
0R
2
A
0
0
0
1
X
D
S
CR
2
G
0
0
0
1
X
D
S
CR
4
D
0
0
0
1
X
D
S
C
r
a
b
2
o
t
0R
2
A
0
0
0
2
X
D
S
CR
2
G
0
0
0
2
X
D
S
CR
4
D
0
0
0
2
X
D
S
C
r
a
b
5
o
t
0R
2
A
0
0
0
5
X
D
S
CR
2
G
0
0
0
5
X
D
S
CR
4
D
0
0
0
5
X
D
S
C
r
a
b
m
0
1
±
o
t
0
D
4
D
0
1
0
0
X
D
S
C
r
a
b
m
5
2
±
o
t
0
D
4
D
5
2
0
0
X
D
S
C
r
a
b
m
0
5
±
o
t
0
D
4
D
0
5
0
0
X
D
S
C
r
a
b
m
0
0
1
±
o
t
0
D
4
D
0
0
1
0
X
D
S
C
r
a
b
m
0
5
2
±
o
t
0
D
4
D
0
5
2
0
X
D
S
C
r
a
b
m
0
0
5
±
o
t
0
D
4
D
0
0
5
0
X
D
S
C
r
a
b
1
±
o
t
0
D
4
D
0
0
0
1
X
D
S
C
Sensortechnics reserves the right to make changes to any products herein. Sensortechnics does not assume any liability arising out of the
application or use of any product or circuit described herein, neither does it convey any license under its patent rights nor the rights of others.
Other pressure ranges or calibrations are available on request
CSDX...A2R,
CSDX...BARO
Note: Pins 4, 6 and 8 are internal device
connections and should not be
connected for any reason.
Pin 2 is an internal device connection
and should be connected to ground
with a 15 nF capacitor.
Vs (pin 1)
identifier
Vs (pin 1)
identifier
Vs (pin 1)
identifier
SCL
N/C
SDA
N/C
SCL
N/C
SDA
N/C
SCL
N/C
SDA
N/C
+Vs
IC
GND
N/C
+Vs
IC
GND
N/C
+Vs
IC
GND
N/C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com