Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFMA1213-1W Datasheet(PDF) 2 Page - Excelics Semiconductor, Inc.

Part # RFMA1213-1W
Description  12.70 - 13.30 GHz Power Amplifier MMIC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.

RFMA1213-1W Datasheet(HTML) 2 Page - Excelics Semiconductor, Inc.

  RFMA1213-1W Datasheet HTML 1Page - Excelics Semiconductor, Inc. RFMA1213-1W Datasheet HTML 2Page - Excelics Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RFMA1213-1W
ISSUED 05/06/2005
12.70 – 13.30 GHz Power Amplifier MMIC
Specifications are subject to change without notice.
Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085
Page 2 of 2
Phone: 408-737-1711 Fax: 408-737-1868 Web: www.excelics.com
Revised May 2005
01 Package Outline
0.165
-1W
10X 0.004
4X 0.050
0.040
10X 0.100±0.010
NC
Vg
4X.050 CHAMFER
PIN1 Indicator
4X 0.100
0.200
Vd
RF IN
NC
RFMA1213
Excelics
0.330
0.025
0.060
Vg
NC
RF OUT
Vd
10X 0.013
NC
2X DIA .090 THRU
All dimensions in inches
Ordering Information
Part Number
RFMA1213-1W-01
Refer 01 Package Outline



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com