Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFMA1415-1W Datasheet(PDF) 2 Page - Excelics Semiconductor, Inc.

Part # RFMA1415-1W
Description  14.40 - 15.40 GHz Power Amplifier MMIC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.

RFMA1415-1W Datasheet(HTML) 2 Page - Excelics Semiconductor, Inc.

  RFMA1415-1W Datasheet HTML 1Page - Excelics Semiconductor, Inc. RFMA1415-1W Datasheet HTML 2Page - Excelics Semiconductor, Inc. RFMA1415-1W Datasheet HTML 3Page - Excelics Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RFMA1415-1W
UPDATED 12/16/2004
14.40 – 15.40 GHz Power Amplifier MMIC
Specifications are subject to change without notice.
Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085
page 2 of 3
Phone: 408-737-1711 Fax: 408-737-1868 Web: www.excelics.com
Revised January 2005
01 Package Outline
-1W
RFMA1415
Excelics
All dimensions in inches [mm]
01 Package Pin Assignment
PIN
1
PIN
2
PIN
3
PIN
4
PIN
5
PIN
6
PIN
7
PIN
8
PIN
9
PIN
10
RFMA1415-1W-01
Vd
NC
RF IN
NC
Vg
Vd
NC
RF OUT
NC
Vg
RFMA1415-1W-01A
NA
Vd
RF IN
Vg
NA
NA
Vd
RF OUT
Vg
NA
RFMA1415-1W-01B
Vd
NA
RF IN
NA
Vg
Vd
NA
RF OUT
NA
Vg
NOTE:
1.
PACKAGE 01A: Recommend to Use
2.
NC: Not Connected
3.
NA: Not Available



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com