Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74ACT1071 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ACT1071
Description  10-BIT BUS-TERMINATION ARRAY WITH BUS-HOLD FUNCTION
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT1071 Datasheet(HTML) 2 Page - Texas Instruments

  SN74ACT1071 Datasheet HTML 1Page - Texas Instruments SN74ACT1071 Datasheet HTML 2Page - Texas Instruments SN74ACT1071 Datasheet HTML 3Page - Texas Instruments SN74ACT1071 Datasheet HTML 4Page - Texas Instruments SN74ACT1071 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SN74ACT1071
10-BIT BUS-TERMINATION ARRAY
WITH BUS-HOLD FUNCTION
SCAS192 – D3994, MARCH 1992 – REVISED APRIL 1993
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
4–2
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage range, VCC
– 0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
– 0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous input clamp current, IIK (VI < 0 or VI > VCC)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Positive-peak input clamp current, IIK (VI > VCC) (tw < 1 µs, duty cycle < 20%)
100 mA
. . . . . . . . . . . . . . . . .
Negative-peak input clamp current, IIK (VI < 0) (tw < 1 µs, duty cycle < 20%)
–100 mA
. . . . . . . . . . . . . . . . . .
Storage temperature range
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: The input negative-voltage rating may be exceeded if the input clamp-current rating is observed.
recommended operating conditions
MIN
MAX
UNIT
VCC
Supply voltage
4.5
5.5
V
VIH
High-level input voltage
2.5
V
VIL
Low-level input voltage
0.8
V
VI
Input voltage
0
VCC
V
TA
Operating free-air temperature
–40
85
°C
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
TA = 25
°C
MIN
MAX
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
MAX
UNIT
IIL
VCC = 4.5 to 5.5 V,
VI = 0.8 V
0.15
0.3
0.9
0.1
1
mA
IIH
VCC = 4.5 to 5.5 V,
VI = 2.5 V
– 0.2
– 0.5
–1.4
– 0.15
–1.5
mA
VIKL
IIN = –18 mA
–1.5
–1.5
V
VIKH
IIN = 18 mA
VCC +2
VCC +2
V
ICC‡
VCC = 5.5 V,
Inputs open
4
40
µA
∆ICC§
One input at 3.4 V,
Other inputs at VCC or GND
0.9
1
mA
Ci
VI = VCC or GND
3
pF
† All typical values are at VCC = 5 V.
‡ Inputs may be set high or low prior to the ICC measurement.
§ This is the increase in supply current for each input that is at one of the specified TTL voltage levels rather than 0 V or VCC.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com