Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T-11-2500A-R-SFC Datasheet(PDF) 2 Page - Source Photonics, Inc.

Part # T-11-2500A-R-SFC
Description  PRELIMINARY - 2.5 Gbps PIN-TIA Receiver Modules (5 V)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

T-11-2500A-R-SFC Datasheet(HTML) 2 Page - Source Photonics, Inc.

  T-11-2500A-R-SFC Datasheet HTML 1Page - Source Photonics, Inc. T-11-2500A-R-SFC Datasheet HTML 2Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
T-11-2500A-X-SXX
PRELIMINARY - 2.5 Gbps PIN-TIA Receiver Modules (5 V)
LUMNDS081-0402
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486 • LUMINENTINC.COM
Handling Precautions: This device is susceptible to damage as a result of electrostatic discharge (ESD). A static free environment is highly recommended. Follow guidelines
according to proper ESD procedures.
Laser Safety: Radiation emitted by laser devices can be dangerous to human eyes. Avoid eye exposure to direct or indirect radiation.
IMPORTANT NOTICE!
All information contained in this document is subject to change without notice, at Luminent’s sole and absolute discretion. Luminent warrants performance of its products to
current specifications only in accordance with the company’s standard one-year warranty; however, specifications designated as “preliminary” are given to describe components
only, and Luminent expressly disclaims any and all warranties for said products, including express, implied, and statutory warranties, warranties of merchantability, fitness for a
particular purpose, and non-infringement of proprietary rights. Please refer to the company’s Terms and Conditions of Sale for further warranty information.
Luminent assumes no liability for applications assistance, customer product design, software performance, or infringement of patents, services, or intellectual property described
herein. No license, either express or implied, is granted under any patent right, copyright, or intellectual property right, and Luminent makes no representations or warranties
that the product(s) described herein are free from patent, copyright, or intellectual property rights. Products described in this document are NOT intended for use in
implantation or other life support applications where malfunction may result in injury or death to persons. Luminent customers using or selling products for use in such
applications do so at their own risk and agree to fully defend and indemnify Luminent for any damages resulting from such use or sale.
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROVIDED ON AN “AS IS” BASIS. Customer agrees that Luminent is not liable for any actual,
consequential, exemplary, or other damages arising directly or indirectly from any use of the information contained in this document. Customer must contact Luminent to
obtain the latest version of this publication to verify, before placing any order, that the information contained herein is current.
© Luminent, Inc. 2002
All rights reserved
Warnings
Legal Notice
PIN-TIA Receiver Modules-receptacle
PIN-TIA Receiver Modules-pigtailed
*Units in mm
Pin Assignment
1~Vcc
2~Dout
3~Dout
4~GND (case)
FC Receptacle
T-11-2500A-R-SFC
ST Receptacle
T-11-2500A-R-SST
SC Receptacle
T-11-2500A-R-SSC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com