Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T-11-2500A-R-SST Datasheet(PDF) 1 Page - Source Photonics, Inc.

Part # T-11-2500A-R-SST
Description  PRELIMINARY - 2.5 Gbps PIN-TIA Receiver Modules (5 V)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

T-11-2500A-R-SST Datasheet(HTML) 1 Page - Source Photonics, Inc.

  T-11-2500A-R-SST Datasheet HTML 1Page - Source Photonics, Inc. T-11-2500A-R-SST Datasheet HTML 2Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
T-11-2500A-X-SXX
PRELIMINARY - 2.5 Gbps PIN-TIA Receiver Modules (5 V)
Features
• InGaAs/ InP PIN Photodiode with transimpedance amplifier
• High sensitivity with Auto Gain Control (AGC)
• Differential ended output
• Single +5 V operation
• -40 to +85ºC operating temperature
Packaging
• FC/ ST/ SC receptacle package
• SM/ MM fiber pigtailed with optional FC/ ST/ SC connector
Application
• 2.5 Gbps SDH/ SONET/ ATM receivers
• Singlemode or Multimode
AC Optical and Electrical Characteristics (Tc = 25ºC)
Parameter
Detection Range
Gain @10Mbps Differential
Bandwidth
Saturation Power
Sensitivity
Output Resistance
Symbol
G
BW
Psat
Sens
Rout
Min.
1100
-
-
-3
-
48
Typ
1310
26
1600
0
-21
60
Max
1650
-
-
-
-20
72
Unit
nm
V/mW
MHz
dBm
dBm
ohm
Test Condition
-
λ = 1310nm
λ = 1310nm
BER = 10-10 @2.5 Gbps
Connector Options
Package
Receptacle
Pigtailed
Fiber
-
Connector
FC
ST
SC
FC
ST
SC
-
Model
T-11-2500A-R-SFC
T-11-2500A-R-SST
T-11-2500A-R-SSC
T-11-2500A-P-S(M)FC
T-11-2500A-P-S(M)ST
T-11-2500A-P-S(M)SC
T-11-2500A-P-S(M)
Absolute Maximum Ratings (Tc = 25˚C)
Symbol
Vcc
Topr
Tstg
Value
6
-40 to +85
-40 to +85
Unit
V
ºC
ºC
Parameter
Supply Voltage
Operating Temperature
Storage Temperature
Operating at Vcc= 5V, Tc= 25ºC, λ= 1310 nm, 9/125µm SM fiber
DC Electrical Characteristics (Tc = 25ºC)
Symbol
Vcc
Vd
Icc
Min
4.5
-
-
Typ
5
0.6
4.7
Max
5.5
-
57
Unit
V
V
mA
Parameter
Power Supply
Differential Output Voltage
Supply Current (no load)
SM,MM


Similar Part No. - T-11-2500A-R-SST

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
T-11-2500A-R3-SFC SOURCE-T-11-2500A-R3-SFC Datasheet
506Kb / 2P
2.5 Gbps PIN-TIA Receiver Modules (3.3 V)
T-11-2500A-R3-SSC SOURCE-T-11-2500A-R3-SSC Datasheet
506Kb / 2P
2.5 Gbps PIN-TIA Receiver Modules (3.3 V)
T-11-2500A-R3-SST SOURCE-T-11-2500A-R3-SST Datasheet
506Kb / 2P
2.5 Gbps PIN-TIA Receiver Modules (3.3 V)
More results

Similar Description - T-11-2500A-R-SST

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
PT-9530 OPTOWAY-PT-9530 Datasheet
112Kb / 2P
3.3V / 2.5 Gbps InGaAs PIN-TIA Receiver InGaAs PIN-TIA WITH RECEPTACLE
logo
List of Unclassifed Man...
XPD0250CT-001 ETC-XPD0250CT-001 Datasheet
310Kb / 4P
2.5 Gbps PIN-TIA module
logo
Optoway Technology Inc
PT-9330 OPTOWAY-PT-9330 Datasheet
112Kb / 2P
3.3V / 2.5 Gbps InGaAs PIN-TIA Receiver
logo
List of Unclassifed Man...
XPD0250CT-003 ETC2-XPD0250CT-003 Datasheet
307Kb / 4P
2.5 Gbps PIN-TIA module
logo
Source Photonics, Inc.
T-11-2500A-D3-SSC SOURCE-T-11-2500A-D3-SSC Datasheet
398Kb / 2P
2.5 Gbps PIN-TIA Receiver Modules-ROSA (3.3 V)
T-11-2500A-R3-SFC SOURCE-T-11-2500A-R3-SFC Datasheet
506Kb / 2P
2.5 Gbps PIN-TIA Receiver Modules (3.3 V)
T-11-1250-P-SFC SOURCE-T-11-1250-P-SFC Datasheet
613Kb / 4P
PIN-TIA Receiver Modules (5V)
T-11-2315T-04 SOURCE-T-11-2315T-04 Datasheet
502Kb / 3P
155Mbps PIN-TIA Receiver Modules
T-11-2315T-08 SOURCE-T-11-2315T-08 Datasheet
157Kb / 4P
155Mbps PIN-TIA Receiver modules
logo
Optoway Technology Inc
PT-9330 OPTOWAY-PT-9330_09 Datasheet
100Kb / 3P
3.3V / 2.5 Gbps InGaAs PIN-TIA Receiver InGaAs PIN-TIA WITH PIGTAIL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com