Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFMA7185-2W Datasheet(PDF) 3 Page - Excelics Semiconductor, Inc.

Part # RFMA7185-2W
Description  7.10 - 8.50 GHz Power Amplifier MMIC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.

RFMA7185-2W Datasheet(HTML) 3 Page - Excelics Semiconductor, Inc.

  RFMA7185-2W Datasheet HTML 1Page - Excelics Semiconductor, Inc. RFMA7185-2W Datasheet HTML 2Page - Excelics Semiconductor, Inc. RFMA7185-2W Datasheet HTML 3Page - Excelics Semiconductor, Inc. RFMA7185-2W Datasheet HTML 4Page - Excelics Semiconductor, Inc. RFMA7185-2W Datasheet HTML 5Page - Excelics Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
RFMA7185 -2W
UPDATED 05/08/08
7.10 – 8.50 GHz Power Amplifier MMIC
Specifications are subject to change without notice.
Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085
page 3 of 5
Phone: 408-737-1711 Fax: 408-737-1868 Web: www.excelics.com
Revised May 2008
S-Parameter
Vdd=10V, Vgg=-5V, Idd=1400mA
Freqency
S11
S21
S12
S22
GHz
Mag
Ang
Mag
Ang
Mag
Ang
Mag
Ang
6.60
0.37
-161.40
42.72
39.43
0.0015
-36.03
0.15
-56.89
6.64
0.37
-168.56
43.34
23.91
0.0014
165.85
0.16
-70.62
6.72
0.33
178.70
44.83
-4.09
0.0017
-115.06
0.18
-93.92
6.80
0.30
163.45
46.54
-32.86
0.0016
-143.12
0.17
-115.19
6.88
0.26
149.69
48.59
-59.99
0.0023
63.13
0.14
-130.23
6.96
0.20
131.90
48.48
-89.10
0.0012
-106.62
0.11
-137.38
7.04
0.15
112.59
47.75
-116.48
0.0004
-71.12
0.10
-135.06
7.12
0.10
98.40
45.77
-142.81
0.0012
74.50
0.09
-117.72
7.20
0.06
79.35
43.93
-167.57
0.0004
-55.78
0.10
-109.81
7.28
0.03
53.57
41.86
169.21
0.0003
175.49
0.13
-111.77
7.36
0.01
-21.99
40.54
147.51
0.0007
6.02
0.16
-117.87
7.44
0.03
-92.23
39.46
125.93
0.0011
-44.70
0.18
-125.79
7.52
0.05
-114.12
39.41
104.16
0.0010
42.49
0.21
-135.26
7.60
0.05
-133.87
38.77
82.15
0.0009
-140.01
0.23
-145.59
7.68
0.06
-143.28
39.02
60.47
0.0005
137.07
0.25
-155.62
7.76
0.07
-154.02
38.30
39.83
0.0015
179.62
0.26
-168.71
7.84
0.07
-156.83
38.97
19.84
0.0019
-17.52
0.27
179.74
7.92
0.07
-160.75
39.55
-2.65
0.0004
-166.71
0.29
166.23
8.00
0.07
-160.18
40.72
-25.41
0.0013
72.81
0.29
151.84
8.08
0.07
-157.45
40.19
-49.74
0.0014
9.16
0.30
138.66
8.16
0.09
-157.84
40.22
-72.70
0.0023
121.94
0.30
121.29
8.24
0.10
-157.80
39.80
-94.56
0.0026
100.54
0.31
105.00
8.32
0.11
-162.94
39.33
-117.62
0.0013
164.20
0.30
85.62
8.40
0.14
-168.71
39.02
-141.78
0.0019
71.06
0.29
69.82
8.48
0.16
-178.97
37.74
-165.59
0.0002
-138.16
0.29
52.41
8.56
0.18
169.86
35.77
170.68
0.0004
151.16
0.28
33.35
8.64
0.19
155.02
34.10
147.99
0.0022
90.78
0.29
18.83
8.72
0.20
145.00
32.82
125.53
0.0014
90.09
0.29
1.74
8.80
0.19
128.23
31.32
103.10
0.0022
-115.01
0.30
-13.94
8.88
0.18
112.00
30.56
80.61
0.0035
-35.73
0.34
-25.37
8.96
0.13
107.83
30.19
55.49
0.0019
-99.22
0.43
-45.99
9.00
0.13
114.64
28.96
41.72
0.0017
-79.80
0.44
-59.01



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com