Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74ACT2235 Datasheet(PDF) 12 Page - Texas Instruments

Part # SN74ACT2235
Description  1024 횞 9 횞 2 ASYNCHRONOUS BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT2235 Datasheet(HTML) 12 Page - Texas Instruments

Back Button SN74ACT2235 Datasheet HTML 8Page - Texas Instruments SN74ACT2235 Datasheet HTML 9Page - Texas Instruments SN74ACT2235 Datasheet HTML 10Page - Texas Instruments SN74ACT2235 Datasheet HTML 11Page - Texas Instruments SN74ACT2235 Datasheet HTML 12Page - Texas Instruments SN74ACT2235 Datasheet HTML 13Page - Texas Instruments SN74ACT2235 Datasheet HTML 14Page - Texas Instruments SN74ACT2235 Datasheet HTML 15Page - Texas Instruments SN74ACT2235 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
SN74ACT2235
1024
× 9 × 2
ASYNCHRONOUS BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SCAS148F – DECEMBER 1990 – REVISED JUNE 2003
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 4
PROPAGATION DELAY TIME
vs
LOAD CAPACITANCE
0
50
100
200
250
150
300
CL – Load Capacitance – pF
VCC = 5 V
TA = 25°C
RL = 500 Ω
typ + 8
typ + 6
typ + 4
typ + 2
typ
typ – 2
Figure 5
POWER-DISSIPATION CAPACITANCE
vs
SUPPLY VOLTAGE
VCC – Supply Voltage – V
VCC = 5 V
fi = 5 MHz
TA = 25°C
4.5
4.6
4.7
4.9
5
4.8
5.1
5.2
5.3
5.4
5.5
typ + 2
typ + 1
typ
typ – 1
typ – 2
typ – 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com