Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74ACT3632 Datasheet(PDF) 7 Page - Texas Instruments

Part # SN74ACT3632
Description  512 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT3632 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74ACT3632 Datasheet HTML 3Page - Texas Instruments SN74ACT3632 Datasheet HTML 4Page - Texas Instruments SN74ACT3632 Datasheet HTML 5Page - Texas Instruments SN74ACT3632 Datasheet HTML 6Page - Texas Instruments SN74ACT3632 Datasheet HTML 7Page - Texas Instruments SN74ACT3632 Datasheet HTML 8Page - Texas Instruments SN74ACT3632 Datasheet HTML 9Page - Texas Instruments SN74ACT3632 Datasheet HTML 10Page - Texas Instruments SN74ACT3632 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
SN74ACT3632
512
× 36 × 2
CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SCAS224D – JUNE 1992 – REVISED APRIL 1998
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
almost-empty flag and almost-full flag offset programming (continued)
To load the AE flag and AF flag offset registers of a FIFO with one of the three preset values listed in Table 1,
at least one of the flag-select inputs must be high during the low-to-high transition of its reset input. For example,
to load the preset value of 64 into X1 and Y1, FS0 and FS1 must be high when FIFO1 reset (RST1) returns high.
Flag-offset registers associated with FIFO2 are loaded with one of the preset values in the same way with FIFO2
reset (RST2). When using one of the preset values for the flag offsets, the FIFOs can be reset simultaneously
or at different times.
To program the X1, X2, Y1, and Y2 registers from port A, both FIFOs should be reset simultaneously with FS0
and FS1 low during the low-to-high transition of the reset inputs. After this reset is complete, the first four writes
to FIFO1 do not store data in RAM but load the offset registers in the order Y1, X1, Y2, X2. Each offset register
uses port-A (A8 – A0) inputs, with A8 as the most-significant bit. Each register value can be programmed from
1 to 508. After all the offset registers are programmed from port A, the port-B input-ready flag (IRB) is set high
and both FIFOs begin normal operation.
FIFO write/read operation
The state of the port-A data (A0 – A35) outputs is controlled by the port-A chip select (CSA) and the port-A
write/read select (W/RA). The A0 – A35 outputs are in the high-impedance state when either CSA or W/RA is
high. The A0 – A35 outputs are active when both CSA and W/RA are low.
Data is loaded into FIFO1 from the A0 – A35 inputs on a low-to-high transition of CLKA when CSA is low, W/RA
is high, ENA is high, MBA is low, and IRA is high. Data is read from FIFO2 to the A0 – A35 outputs by a low-to-high
transition of CLKA when CSA is low, W/RA is low, ENA is high, MBA is low, and ORA is high (see Table 2). FIFO
reads and writes on port A are independent of any concurrent port-B operation.
Table 2. Port-A Enable Function Table
CSA
W/RA
ENA
MBA
CLKA
A0 – A35 OUTPUTS
PORT FUNCTION
H
X
X
X
X
In high-impedance state
None
L
H
L
X
X
In high-impedance state
None
L
H
H
L
↑
In high-impedance state
FIFO1 write
L
H
H
H
↑
In high-impedance state
Mail1 write
L
L
L
L
X
Active, FIFO2 output register
None
L
L
H
L
↑
Active, FIFO2 output register
FIFO2 read
L
L
L
H
X
Active, mail2 register
None
L
L
H
H
↑
Active, mail2 register
Mail2 read (set MBF2 high)
The port-B control signals are identical to those of port A, with the exception that the port-B write/read select
(W/RB) is the inverse of the port-A write/read select (W/RA). The state of the port-B data (B0 – B35) outputs is
controlled by the port-B chip select (CSB) and the port-B write/read select (W/RB). The B0 – B35 outputs are
in the high-impedance state when either CSB is high or W/RB is low. The B0 – B35 outputs are active when CSB
is low and W/RB is high.
Data is loaded into FIFO2 from the B0 – B35 inputs on a low-to-high transition of CLKB when CSB is low, W/RB
is low, ENB is high, MBB is low, and IRB is high. Data is read from FIFO1 to the B0 – B35 outputs by a low-to-high
transition of CLKB when CSB is low, W/RB is high, ENB is high, MBB is low, and ORB is high (see Table 3). FIFO
reads and writes on port B are independent of any concurrent port-A operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com