Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP89021 Datasheet(PDF) 14 Page - Aplus Intergrated Circuits

Part # AP89021
Description  Standard CMOS process
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

AP89021 Datasheet(HTML) 14 Page - Aplus Intergrated Circuits

Back Button AP89021 Datasheet HTML 10Page - Aplus Intergrated Circuits AP89021 Datasheet HTML 11Page - Aplus Intergrated Circuits AP89021 Datasheet HTML 12Page - Aplus Intergrated Circuits AP89021 Datasheet HTML 13Page - Aplus Intergrated Circuits AP89021 Datasheet HTML 14Page - Aplus Intergrated Circuits AP89021 Datasheet HTML 15Page - Aplus Intergrated Circuits AP89021 Datasheet HTML 16Page - Aplus Intergrated Circuits AP89021 Datasheet HTML 17Page - Aplus Intergrated Circuits AP89021 Datasheet HTML 18Page - Aplus Intergrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Integrated Circuits Inc.
aP89021/010
Ver 2.2
May 31, 2007
14
TIMING WAVEFORMS
AC CHARACTERISTICS ( T
A = 0 to 70℃, V
DD = 3.3V, VSS = 0V, 8KHz sampling )
Symbol
Parameter
Min.
Typ.
Max.
Unit
Note
tKD
Key trigger debounce time
16
ms
1
tKD
Key trigger debounce time – retrigger
24
ms
1
tSTPD
STOP pulse output delay time
256
μs
tSTPW
STOP pulse width
64
ms
1
tBD
BUSY signal output delay time
100
ns
tBH
BUSY signal output hold time
100
ns
tAS
Address set-up time
100
ns
tAH
Address hold time
100
ns
tSBTW
SBT stroke pulse width
16
ms
1
tLEDC
LED flash frequency
3
Hz
2
Notes :
1.
This parameter is inversely proportional to the sampling frequency.
2.
This parameter is proportional to the sampling frequency.
S1~S4, SBT
STOP
COUT
BUSY
tBD
tBH
tSTPW
tSTPD
tKD
KEY Trigger Mode
CPU Parallel Mode
tSBTW
Addr.
S1~S4
SBT
tAH
tAS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com