Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74ACT7806 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ACT7806
Description  256 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT7806 Datasheet(HTML) 2 Page - Texas Instruments

  SN74ACT7806 Datasheet HTML 1Page - Texas Instruments SN74ACT7806 Datasheet HTML 2Page - Texas Instruments SN74ACT7806 Datasheet HTML 3Page - Texas Instruments SN74ACT7806 Datasheet HTML 4Page - Texas Instruments SN74ACT7806 Datasheet HTML 5Page - Texas Instruments SN74ACT7806 Datasheet HTML 6Page - Texas Instruments SN74ACT7806 Datasheet HTML 7Page - Texas Instruments SN74ACT7806 Datasheet HTML 8Page - Texas Instruments SN74ACT7806 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SN74ACT7806
256
× 18
STROBED FIRST-IN, FIRST-OUT MEMORY
SCAS438C – APRIL 1992 – REVISED APRIL 1998
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description (continued)
A low level on the reset (RESET) input resets the internal stack pointers and sets FULL high, HF low, and
EMPTY low. The Q outputs are not reset to any specific logic level. The FIFO must be reset upon power up.The
first word loaded into empty memory causes EMPTY to go high and the data to appear on the Q outputs. It is
important to note that the first word does not have to be unloaded. The data outputs are noninverting with respect
to the data inputs and are in the high-impedance state when the output-enable (OE) input is high.
The SN74ACT7806 is characterized for operation from 0
°C to 70°C.
logic symbol†
0
21
D0
20
D1
19
D2
18
D3
17
D4
16
D5
15
D6
14
D7
12
D8
Q0
33
0
Q1
34
Q2
36
Q3
37
Q4
38
28
FULL
HF
22
HALF-FULL
AF/AE
24
ALMOST FULL/EMPTY
29
EMPTY
Q5
40
Q6
41
Q7
42
Q8
43
Data
1
Φ
FIFO 256
× 18
SN74ACT7806
11
D9
9
D10
8
D11
7
D12
6
D13
5
D14
4
D15
3
D16
17
2
D17
Q9
45
Q10
46
Q11
47
Q12
48
Q13
49
Q14
51
Q15
53
Q16
54
Q17
55
17
RESET
OE
PEN
RESET
1
25
LDCK
LDCK
Data
PROGRAM ENABLE
23
EN1
56
32
UNCK
UNCK
EMPTY
FULL
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com