Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTU8P01GD0 Datasheet(PDF) 3 Page - Sensortechnics GmbH

Part # CTU8P01GD0
Description  OEM pressure transmitters for industrial media
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

CTU8P01GD0 Datasheet(HTML) 3 Page - Sensortechnics GmbH

  CTU8P01GD0 Datasheet HTML 1Page - Sensortechnics GmbH CTU8P01GD0 Datasheet HTML 2Page - Sensortechnics GmbH CTU8P01GD0 Datasheet HTML 3Page - Sensortechnics GmbH CTU8P01GD0 Datasheet HTML 4Page - Sensortechnics GmbH CTU8P01GD0 Datasheet HTML 5Page - Sensortechnics GmbH CTU8P01GD0 Datasheet HTML 6Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CTE8000 / CTU8000 Series
OEM pressure transmitters for industrial media
3/6
December 2008 / 508
www.sensortechnics.com
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Mt
i
n
U
t
e
s
f
f
o
e
r
u
s
s
e
r
p
o
r
e
Z.
.
.
N
8
.
.
.
T
C5
4
.
25
.
25
5
.
2
V
s
r
e
h
t
o
ll
a3
0
.
08
0
.
0
n
a
p
s
e
l
a
c
s
ll
u
F
7
.
.
.
N
8
.
.
.
T
C5
4
.
25
.
25
5
.
2
s
r
e
h
t
o
ll
a5
9
.
40
.
55
0
.
5
e
c
n
a
d
e
p
m
i
t
u
p
t
u
O
5
2
Ω
)
d
a
o
l
o
n
(
n
o
i
t
p
m
u
s
n
o
c
t
n
e
r
r
u
C
35
A
m
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Mt
i
n
U
t
e
s
f
f
o
e
r
u
s
s
e
r
p
o
r
e
Z.
.
.
N
8
.
.
.
T
C9
.
45
1
.
5
V
s
r
e
h
t
o
ll
a3
0
.
01
.
0
n
a
p
s
e
l
a
c
s
ll
u
F
7
.
.
.
N
8
.
.
.
T
C9
.
45
1
.
5
s
r
e
h
t
o
ll
a9
.
90
11
.
0
1
e
c
n
a
d
e
p
m
i
t
u
p
t
u
O
5
2
Ω
)
d
a
o
l
o
n
(
n
o
i
t
p
m
u
s
n
o
c
t
n
e
r
r
u
C
35
A
m
INDIVIDUAL PERFORMANCE CHARACTERISTICS
0...10 V output (V
S = 15 V, RL > 100 kΩ, tamb = 25°C)
0...5 V output (V
S = 15 V, RL > 100 kΩ, tamb = 25°C)
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Mt
i
n
U
t
e
s
f
f
o
e
r
u
s
s
e
r
p
o
r
e
Z.
.
.
N
8
.
.
.
T
C5
4
.
25
.
25
5
.
2
V
s
r
e
h
t
o
ll
a5
4
.
05
.
05
5
.
0
n
a
p
s
e
l
a
c
s
ll
u
F
7
.
.
.
N
8
.
.
.
T
C5
9
.
12
5
0
.
2
s
r
e
h
t
o
ll
a5
9
.
34
5
0
.
4
e
c
n
a
d
e
p
m
i
t
u
p
t
u
O
5
2
Ω
)
d
a
o
l
o
n
(
n
o
i
t
p
m
u
s
n
o
c
t
n
e
r
r
u
C
35
A
m
4...20 mA output (V
S = 15 V, RL = 100 Ω, tamb = 25°C)
0.5...4.5 V output (V
S = 15 V, RL > 100 kΩ, tamb = 25°C)
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Mt
i
n
U
t
e
s
f
f
o
e
r
u
s
s
e
r
p
o
r
e
Z.
.
.
N
8
.
.
.
T
C9
.
1
10
.
2
11
.
2
1
A
m
s
r
e
h
t
o
ll
a9
.
30
.
41
.
4
n
a
p
s
e
l
a
c
s
ll
u
F
7
.
.
.
N
8
.
.
.
T
C9
.
70
.
81
.
8
s
r
e
h
t
o
ll
a9
.
5
10
.
6
11
.
6
1
I
(
n
o
i
t
p
m
u
s
n
o
c
r
e
w
o
P
L
)
A
m
0
2
=0
5
2W
m
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Mt
i
n
U
t
e
s
f
f
o
e
r
u
s
s
e
r
p
o
r
e
Z.
.
.
N
8
.
.
.
T
C5
4
.
35
.
35
5
.
3
V
s
r
e
h
t
o
ll
a5
9
.
01
5
0
.
1
n
a
p
s
e
l
a
c
s
ll
u
F
7
.
.
.
N
8
.
.
.
T
C5
4
.
25
.
25
5
.
2
s
r
e
h
t
o
ll
a5
9
.
40
.
55
0
.
5
e
c
n
a
d
e
p
m
i
t
u
p
t
u
O
5
2
Ω
)
d
a
o
l
o
n
(
n
o
i
t
p
m
u
s
n
o
c
t
n
e
r
r
u
C
35
A
m
1...6 V output (V
S = 15 V, RL > 100 kΩ, tamb = 25°C)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com