Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74ACT7811 Datasheet(PDF) 2 Page - Texas Instruments

Part # SN74ACT7811
Description  1024 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT7811 Datasheet(HTML) 2 Page - Texas Instruments

  SN74ACT7811 Datasheet HTML 1Page - Texas Instruments SN74ACT7811 Datasheet HTML 2Page - Texas Instruments SN74ACT7811 Datasheet HTML 3Page - Texas Instruments SN74ACT7811 Datasheet HTML 4Page - Texas Instruments SN74ACT7811 Datasheet HTML 5Page - Texas Instruments SN74ACT7811 Datasheet HTML 6Page - Texas Instruments SN74ACT7811 Datasheet HTML 7Page - Texas Instruments SN74ACT7811 Datasheet HTML 8Page - Texas Instruments SN74ACT7811 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
SN74ACT7811
1024
× 18
CLOCKED FIRST-IN, FIRST-OUT MEMORY
SCAS151C – JANUARY 1991 – REVISED FEBRUARY 1996
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21 22 23 24 25
60
59
58
57
56
55
54
53
52
51
50
48
49
47
46
45
44
43
42
41
40
26 27 28 29 30 31 32 33 34 35 36 37 38 39
80 79 78 77 76 75 74 73
71 70 69 68 67 66 65 64 63 62 61
72
NC
GND
GND
NC
NC
NC
VCC
NC
GND
Q16
Q17
OR
GND
VCC
OE
RDEN2
RDEN1
RDCLK
D16
D15
GND
D17
RESET
VCC
VCC
GND
VCC
GND
GND
VCC
WRTCLK
WRTEN1
WRTEN2
AF/AE
IR
HF
Q1
Q0
Q2
Q3
PN PACKAGE
(TOP VIEW)
NC – No internal connection
description
A FIFO memory is a storage device that allows data to be written into and read from its array at independent
data rates. The SN74ACT7811 is a 1024
× 18-bit FIFO for high speed and fast access times. It processes data
at rates up to 40 MHz and access times of 15 ns in a bit-parallel format. Data outputs are noninverting with
respect to the data inputs. Expansion is easily accomplished in both word width and word depth.
The SN74ACT7811 has normal input-bus-to-output-bus asynchronous operation. The special enable circuitry
adds the ability to synchronize independent read and write (interrupts or requests) to their respective system
clock.
The SN74ACT7811 is characterized for operation from 0
°C to 70°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com