Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74ACT7811FN Datasheet(PDF) 16 Page - Texas Instruments

Part # SN74ACT7811FN
Description  1024 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT7811FN Datasheet(HTML) 16 Page - Texas Instruments

Back Button SN74ACT7811FN Datasheet HTML 9Page - Texas Instruments SN74ACT7811FN Datasheet HTML 10Page - Texas Instruments SN74ACT7811FN Datasheet HTML 11Page - Texas Instruments SN74ACT7811FN Datasheet HTML 12Page - Texas Instruments SN74ACT7811FN Datasheet HTML 13Page - Texas Instruments SN74ACT7811FN Datasheet HTML 14Page - Texas Instruments SN74ACT7811FN Datasheet HTML 15Page - Texas Instruments SN74ACT7811FN Datasheet HTML 16Page - Texas Instruments SN74ACT7811FN Datasheet HTML 17Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
SN74ACT7811
1024
× 18
CLOCKED FIRST-IN, FIRST-OUT MEMORY
SCAS151C – JANUARY 1991 – REVISED FEBRUARY 1996
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
From Output
Under Test
LOAD CIRCUIT
Input
1.5 V
Output
1.5 V
TOTEM-POLE OUTPUTS
3 V
3 V
0 V
0 V
tpd
tpd
RL = 500 Ω
CL = 50 pF
Figure 9. Standard CMOS Outputs
S1
R2
CL
LOAD CIRCUIT
Output
Output
1.5 V
1.5 V
≈ 3.5 V
VOL
VOH
0.3 V
≈ 0 V
tPZL
tPZH
tPHZ
VOLTAGE WAVEFORMS
1.5 V
1.5 V
R1
0.3 V
7 V
3 V
0 V
From Output
Under Test
Test
Point
Input
RL = R1 = R2
tPLZ
PARAMETER
R1, R2
CL†
S1
t
tPZH
500
Ω
50 pF
Open
ten
tPZL
500
Ω
50 pF
Closed
tdi
tPHZ
500
Ω
50 pF
Open
tdis
tPLZ
500
Ω
50 pF
Closed
tpd
500
Ω
50 pF
Open
† Includes probe and test fixture capacitanceFigure 9
Figure 10. 3-State Outputs (Any Q)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com