Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74ACT7808FN Datasheet(PDF) 11 Page - Texas Instruments

Part # SN74ACT7808FN
Description  2048 횞 9 STROBED FIRST-IN, FIRST-OUT MEMORY
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT7808FN Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74ACT7808FN Datasheet HTML 6Page - Texas Instruments SN74ACT7808FN Datasheet HTML 7Page - Texas Instruments SN74ACT7808FN Datasheet HTML 8Page - Texas Instruments SN74ACT7808FN Datasheet HTML 9Page - Texas Instruments SN74ACT7808FN Datasheet HTML 10Page - Texas Instruments SN74ACT7808FN Datasheet HTML 11Page - Texas Instruments SN74ACT7808FN Datasheet HTML 12Page - Texas Instruments SN74ACT7808FN Datasheet HTML 13Page - Texas Instruments SN74ACT7808FN Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
SN74ACT7808
2048
× 9 STROBED FIRST-IN, FIRST-OUT MEMORY
SCAS205D – FEBRUARY 1991 – REVISED APRIL 1998
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 4
PROPAGATION DELAY TIME
vs
LOAD CAPACITANCE
0
50
100
150
200
250
300
CL – Load Capacitance – pF
VCC = 5 V
RL = 500 Ω
TA = 25°C
typ + 8
typ + 6
typ + 4
typ + 2
typ
typ – 2
Figure 5
80
40
20
0
0
10
203040
50
120
140
SUPPLY CURRENT
vs
CLOCK FREQUENCY
160
60
70
80
100
60
VCC = 5.5 V
VCC = 4.5 V
TA = 75°C
CL = 0 pF
fclock – Clock Frequency – MHz
VCC = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com