Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3-20 Datasheet(PDF) 1 Page - Superworld Electronics

Part # CS3-20
Description  POWER TRANSFORMER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

CS3-20 Datasheet(HTML) 1 Page - Superworld Electronics

  CS3-20 Datasheet HTML 1Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1. CONFIGURATION & DIMENSIONS :
3. ELECTRICAL CHARACTERISTICS ( @ 25°C ) :
SUPERWORLD ELECTRONICS (S) PTE LTD
2. SCHEMATIC :
CS3-20 (F) SERIES
POWER TRANSFORMER
PG. 1
NOTE : Specifications subject to change without notice. Please check our website for latest information.
25.02.2008
7
5
8
1
4
" " indicates polarity
4.76(0.187)Dia. Mfg.
Holes
L
ML
A
3
4
2
7
86
W
9.53
(0.375)
1
5
B
Solder Lug Terminal
4.76(0.187)Quick Connect
6.35
(0.250)
3.96
(0.156)
41.28
(1.625)
3
SIZE
W
27.00
(1.063)
52.40
(2.063)
2.4
VA
L
H
30.18
(1.188)
44.45
(1.75)
14.30
(0.563)
A
B
ML
113.40
gram
UNIT : mm (inch)
a. Primary Voltage
AC 115 V 60 Hz .
b. No Load Primary Current
Less Than 10mA .
c. Secondary Voltage (±5%)
AC 24.50 V .
d. Secondary Load Current
0.12A .
e. Full Load Primary Current
Less Than 40mA .
f. Full Load Secondary Voltage (±5%)
20.00V .
Pin 5-7
Pin 1-2
g. DC Resistance
Pin 5-8 C.T. Pin 7
Primary = 320 Ohm .
Pin 7-8
h. Insulation Resistance
i. Withstand Voltage (Hi-Pot)
Secondary-1 = 10.35 Ohm .
DC 500V 100Meg Ohm Of More .
AC 2500V 60Hz 1 Minutes .
Less Than 60 Deg C .
EI-35 x 13.00 m/m .
j. Temperature Rise
k. Core Size
2669
l. Turns & Wire Gauge
Primary
288 x 2
Secondary
Pin 5-7-8
Pin 1-4
Turns Diameter
0.11 m/m .
0.20 m/m .
Turns Diameter
Pin 5-8 C.T. Pin 7
Secondary-2 = 10.35 Ohm .


Similar Part No. - CS3-20

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
CS3-24 SUPERWORLD-CS3-24 Datasheet
109Kb / 1P
POWER TRANSFORMER
CS3-28 SUPERWORLD-CS3-28 Datasheet
109Kb / 1P
POWER TRANSFORMER
More results

Similar Description - CS3-20

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
VPS10-13000 TRIAD-VPS10-13000 Datasheet
158Kb / 1P
POWER TRANSFORMER POWER TRANSFORMER
logo
List of Unclassifed Man...
F-193U ETC2-F-193U Datasheet
52Kb / 1P
POWER TRANSFORMER
F-229X ETC2-F-229X Datasheet
50Kb / 1P
POWER TRANSFORMER
logo
Superworld Electronics
12A-2.5-12 SUPERWORLD-12A-2.5-12 Datasheet
122Kb / 1P
POWER TRANSFORMER
12A-2.5-20 SUPERWORLD-12A-2.5-20 Datasheet
111Kb / 1P
POWER TRANSFORMER
DCS3-28 SUPERWORLD-DCS3-28 Datasheet
120Kb / 1P
POWER TRANSFORMER
logo
XFMRS Inc.
XF0056-EE5S XFMRS-XF0056-EE5S Datasheet
39Kb / 1P
POWER TRANSFORMER
logo
Hammond Manufacturing L...
269EX HAMMOND-269EX Datasheet
215Kb / 1P
POWER TRANSFORMER
382X HAMMOND-382X Datasheet
307Kb / 1P
POWER TRANSFORMER
291AX HAMMOND-291AX Datasheet
243Kb / 1P
power transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com